Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 19Page - STMicroelectronics TDA7412 Datasheet HTML 20Page - STMicroelectronics TDA7412 Datasheet HTML 21Page - STMicroelectronics TDA7412 Datasheet HTML 22Page - STMicroelectronics TDA7412 Datasheet HTML 23Page - STMicroelectronics TDA7412 Datasheet HTML 24Page - STMicroelectronics TDA7412 Datasheet HTML 25Page - STMicroelectronics TDA7412 Datasheet HTML 26Page - STMicroelectronics TDA7412 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
23/56
TDA7412
2.2 ELECTRICAL CHARACTERISTICS
VS = 9V, deemphasis time constant = 50µs, MPX input voltage VMPX = 500mV (75kHz deviation), modulation
frequency = 1kHz, input gain = 6dB, Tamb = 27°C, unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vin
MPX Input Level
Input Gain = 3.5dB
0.5
1.25
Vrms
Rin
Input Resistance
70
100
130
k
Ω
Gmin
Min. Input Gain
1.5
3.5
4.5
dB
Gmax
Max. Input Gain
8.5
11
12.5
dB
Gstep
Step Resolution
1.75
2.5
3.25
dB
SVRR
Supply Voltage Ripple Rejection
Vripple = 100mV, f = 1kHz
55
dB
a
Max. Channel Separation
30
50
dB
THD
Total Harmonic Distortion
fin=1kHz, mono
0.02
0.3
%
Signal plus Noise to Noise Ratio
A-weighted, S = 2Vrms
80
91
dB
MONO/STEREO-SWITCH
VPTHST1 Pilot Threshold Voltage
for Stereo, PTH = 1
10
15
25
mV
VPTHST0 Pilot Threshold Voltage
for Stereo, PTH = 0
15
25
35
mV
VPTHMO1 Pilot Threshold Voltage
for Mono, PTH = 1
7
12
17
mV
VPTHMO0 Pilot Threshold Voltage
for Mono, PTH = 0
10
19
25
mV
PLL
∆f/f
Capture Range
0.5
%
DEEMPHASIS and HIGHCUT
τDeempFM Deemphasis Timeconstants FM
VLEVEL >> VHCH
25
50
75
µs
VLEVEL >> VHCH
44
62.5
80
µs
VLEVEL >> VHCH
50
75
100
µs
VLEVEL >> VHCH
70
100
130
µs
MFM
Highcut Timeconstant Multiplier FM VLEVEL << VHCL
3
τDeempAM Deemphasis Timeconstants AM
VLEVEL >> VHCH
37.5
µs
VLEVEL >> VHCH
47
µs
VLEVEL >> VHCH
56
µs
VLEVEL >> VHCH
75
µs
MAM
Highcut Timeconstant Multiplier AM VLEVEL << VHCL
3.7
REF5V
Internal Reference Voltage
4.7
5
5.3
V
N
S+N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com