Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 26Page - STMicroelectronics TDA7412 Datasheet HTML 27Page - STMicroelectronics TDA7412 Datasheet HTML 28Page - STMicroelectronics TDA7412 Datasheet HTML 29Page - STMicroelectronics TDA7412 Datasheet HTML 30Page - STMicroelectronics TDA7412 Datasheet HTML 31Page - STMicroelectronics TDA7412 Datasheet HTML 32Page - STMicroelectronics TDA7412 Datasheet HTML 33Page - STMicroelectronics TDA7412 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
TDA7412
30/56
3.0 FUNCTIONAL DESCRIPTION OF STEREODECODER
Figure 23. Block diagram of Stereodecoder
The stereodecoder-part of the A679 (see Fig. 23) contains all functions necessary to demodulate the MPX-sig-
nal like pilottone-dependent MONO/STEREO-switching as well as "stereoblend" and "highcut". Adaptations like
programmable input gain, roll-off compensation, selectable deemphasis time constant and a programmable
fieldstrength input allow to use different IF-devices.
3.1 Stereodecoder-Mute
The A679 has a fast and easy to control RDS-Mute function which is a combination of the audioprocessor's Soft-
Mute and the high-ohmic mute of the stereodecoder. If the stereodecoder is selected and a SoftMute command
is sent (or activated through the SM-pin) the stereodecoder will be set automatically to the high-ohmic mute con-
dition after the audio-signal has been softmuted. Hence a checking of alternate frequencies could be performed.
Additionally the PLL can be set to "Hold"-mode, which disables the PLL input during the mute time. To release
the system from the mute condition simply the unmute-command must be sent: the stereodecoder is unmuted
immediately and the audioprocessor is softly unmuted. Fig. 26 shows the output-signal VO as well as the internal
stereodecoder mute signal. This influence of SoftMute on the stereodecoder mute can be switched off by setting
bit 3 of the SoftMute byte to "0". A stereodecoder mute command (bit 0, stereodecoder byte set to "1") will set
the stereodecoder in any case independently to the high-ohmic mute state.
If any other source than the stereodecoder is selected the decoder remains muted and the MPX-pin is connect-
ed to Vref to avoid any discharge of the coupling capacitor through leakage currents. No further mute command
should be applied.
INGAIN
3.5 ... 11dB
STEP 2.5dB
INFILTER
LP 80KHz
4.th ORDER
DEMODULATOR
- PLOT CANC
- ROLL-OFF COMP.
- LP 25KHz
PLL +
PILOT-DET.
F19
NOISE BLANKER
F38
STEREO
HOLDN
NOISE
SB CONTROL
MULTIPATH DET.
DEEMPHASIS
+ HIGHCUT
t=50.62..5.75,100
µs
(37.5,47,56,75
µs)
REF 5V
VSBL
MPHCINFL
MPHCOUT
MPSBOUT
HC
CONTROL
VHCCH
VHCCL
D
5 bits
A
LEVEL INPUT
LEVELSB-LP
LEVEL
MPSBINFL
FM_L
FM_R
MPX
100K
AM
AM-IF
100K
D00AU1135
LEVELHC-LP
GAIN 0..6dB
QUALITY
DETECTOR
QUAL
MP-OUT
MP-IN
-
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com