Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 34Page - STMicroelectronics TDA7412 Datasheet HTML 35Page - STMicroelectronics TDA7412 Datasheet HTML 36Page - STMicroelectronics TDA7412 Datasheet HTML 37Page - STMicroelectronics TDA7412 Datasheet HTML 38Page - STMicroelectronics TDA7412 Datasheet HTML 39Page - STMicroelectronics TDA7412 Datasheet HTML 40Page - STMicroelectronics TDA7412 Datasheet HTML 41Page - STMicroelectronics TDA7412 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
TDA7412
38/56
9.0 I²C BUS INTERFACE
9.1 Interface Protocol
s
The interface protocol comprises:
s
a start condition (S)
s
a chip address byte (the LSB bit determines read / write transmission)
s
a subaddress byte
s
a sequence of data (N-bytes + acknowledge)
s
a stop condition (P)
S = Start
R/W = "0" -> Receive-Mode (Chip could be programmed by µP)
"1" -> Transmission-Mode (Data could be received by µP)
ACK = Acknowledge
P = Stop
MAX CLOCK SPEED 500kbits/s
9.2 Auto increment
If bit I in the subaddress byte is set to "1", the autoincrement of the subaddress is enabled.
9.3 TRANSMITTED DATA (send mode)
SM = Soft mute activated
ST = Stereo
P = Pause
X = Not Used
The transmitted data is automatically updated after each ACK.
Transmission can be repeated without new chipaddress.
9.4 Reset Condition
A Power-On-Reset is invoked if the Supply-Voltage is below than 3.5V. After that the following data is written
automatically into the registers of all subaddresses :
The programming after POR is marked bold-face / underlined in the programming tables.
With this programming all the outputs are muted to VREF (VOUT= VDD/2).
CHIP ADDRESS
SUBADDRESS
DATA 1....DATA n
MSB
LSB
MSB
LSB
MSB
LSB
S
1
0001
10
R/W ACK C
AZ
I
AAAAA
ACK
DATA
ACK P
MSB
LSB
XX
XXX
P
ST
SM
MSB
LSB
1
1
1
1
1
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com