Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 23Page - STMicroelectronics TDA7412 Datasheet HTML 24Page - STMicroelectronics TDA7412 Datasheet HTML 25Page - STMicroelectronics TDA7412 Datasheet HTML 26Page - STMicroelectronics TDA7412 Datasheet HTML 27Page - STMicroelectronics TDA7412 Datasheet HTML 28Page - STMicroelectronics TDA7412 Datasheet HTML 29Page - STMicroelectronics TDA7412 Datasheet HTML 30Page - STMicroelectronics TDA7412 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
27/56
TDA7412
Notes:
1.All thresholds are measured using a pulse with TR = 2 µs, THIGH= 2 µs and TF = 10 µs. The repetition rate must not increase the
PEAK voltage.
2. By design/characterization functionally guaranteed through dedicated test mode structure
Figure 20. Trigger Threshold vs. VPEAK
VADJMP
Noise rectifier adjustment
through
Multipath (2)
Signal PEAK in
Testmode
00
01
10
11
0.3
0.5
0.7
0.9
V/ms
RAMIF
AM IF Input resistance
35
50
65
kOhm
GAMIF,min min. gain AM IF
Signal AM-RECTIFIER in
Testmode
6dB
GAMIF,max max. gain AM IF
20
dB
GAMIF,step step gain AM IF
2
dB
fAMIF,min
min. fc AM IF
Signal AM-RECTIFIER in
Testmode
14
kHz
fAMIF,max max. fc AM IF
56
kHz
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Tim e
V
in
T
R
T
HIGH
T
F
V
op
DC
VTH
M IN. T R IG . T HRES H OL D
N O ISE CONT ROL LE D T RIG . THRES H O LD
1.5 V
0.9V
260m V (00)
220m V (01)
180m V (10)
140m V (11)
8 ST EPS
65m V
30m V
V PEAK [V]
2.4.2 ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com