Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 21Page - STMicroelectronics TDA7412 Datasheet HTML 22Page - STMicroelectronics TDA7412 Datasheet HTML 23Page - STMicroelectronics TDA7412 Datasheet HTML 24Page - STMicroelectronics TDA7412 Datasheet HTML 25Page - STMicroelectronics TDA7412 Datasheet HTML 26Page - STMicroelectronics TDA7412 Datasheet HTML 27Page - STMicroelectronics TDA7412 Datasheet HTML 28Page - STMicroelectronics TDA7412 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
25/56
TDA7412
2.3 NOTES TO THE CHARACTERISTICS
2.3.1 Intermodulation Suppression
measured with: 91% pilot signal; fm = 10kHz or 13kHz.
2.3.2 Traffic Radio (V.F.) Suppression
measured with: 91% stereo signal; 9% pilot signal; fm=1kHz; 5% subcarrier (f=57kHz, fm=23Hz AM, m=60%)
2.3.3 SCA ( Subsidiary Communications Authorization )
measured with: 81% mono signal; 9% pilot signal; fm=1kHz; 10%SCA - subcarrier ( fS = 67kHz, unmodulated ).
2.3.4 ACI ( Adjacent Channel Interference )
measured with: 90% mono signal; 9% pilot signal; fm=1kHz; 1% spurious signal ( fS = 110kHz or 186kHz, un-
modulated).
2.4 NOISE BLANKER PART
2.4.1 Features:
s
AM and FM mode
s
internal 2nd order 140kHz high-pass filter for MPX path
s
internal rectifier and filters for AM-IF path
s
programmable trigger thresholds
s
trigger threshold dependent on high frequency noise with programmable gain
s
additional circuits for deviation- and fieldstrength-dependent trigger adjustment
α2
V
O s i gn al
() at1kHz
()
V
O sp u r i o u s
() at1kHz
()
----------------------------------------------------------------f
s
;2 10kHz
⋅
() 19kHz
–
==
α3
V
O s i g nal
() at1kHz
()
V
O s p uri ous
() at1kHz
()
---------------------------------------------------------------- f
s
;
313kH z
⋅
() 38kHz
–
==
α57 V.W.F
()
V
O s i gn al
() at1kHz
()
V
O s p ur i o us
() at1kHz 23kHz
±
()
-----------------------------------------------------------------------------------------
=
α67
V
O s i g nal
() at1kHz
()
V
O s p uri ous
() at1kHz
()
---------------------------------------------------------------- f
s
;
238kH z
⋅
() 67kHz
–
==
α114
V
O s i gna l
() at1kHz
()
V
O s puri o u s
() at4kHz
()
---------------------------------------------------------------- f
s
;
110 kHz
3 38kHz
⋅
()
–
==
α190
V
O s i gna l
() at1kHz
()
V
O s puri o u s
() at4kHz
()
---------------------------------------------------------------- f
s
;
186 kHz
5 38kHz
⋅
()
–
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com