Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 10Page - STMicroelectronics TDA7412 Datasheet HTML 11Page - STMicroelectronics TDA7412 Datasheet HTML 12Page - STMicroelectronics TDA7412 Datasheet HTML 13Page - STMicroelectronics TDA7412 Datasheet HTML 14Page - STMicroelectronics TDA7412 Datasheet HTML 15Page - STMicroelectronics TDA7412 Datasheet HTML 16Page - STMicroelectronics TDA7412 Datasheet HTML 17Page - STMicroelectronics TDA7412 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
TDA7412
14/56
1.4.3 Loudness Order
Different shapes of 1st and 2nd-Order Loudness
Figure 4. 1st and 2nd Order Loudness @ Attn. = 15dB, fP=400Hz
1.4.4 Flat Mode
In flat mode the loudness stage works as a 0dB to -19dB attenuator.
1.5 SoftMute
The digitally controlled SoftMute stage allows muting/demuting the signal with a I2C-bus programmable slope.
The mute process can either be activated by the SoftMute pin or by the I2C-bus. This slope is realized in a spe-
cial S-shaped curve to mute slow in the critical regions (see Figure 5).
For timing purposes the Bit0 of the I2C-bus output register is set to 1 from the start of muting until the end of de-
muting.
Figure 5. Softmute-Timing
Note: Please notice that a started Mute-action is always terminated and could not be interrupted by a change of the mute -signal.
dB
Hz
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com