Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 53 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 48Page - STMicroelectronics TDA7412 Datasheet HTML 49Page - STMicroelectronics TDA7412 Datasheet HTML 50Page - STMicroelectronics TDA7412 Datasheet HTML 51Page - STMicroelectronics TDA7412 Datasheet HTML 52Page - STMicroelectronics TDA7412 Datasheet HTML 53Page - STMicroelectronics TDA7412 Datasheet HTML 54Page - STMicroelectronics TDA7412 Datasheet HTML 55Page - STMicroelectronics TDA7412 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
53/56
TDA7412
10.0 APPLICATION INFORMATION
Figure 32. Application Diagram (standard configuration)
220nF
1
2
3
4
5
6
7
8
9
10
11
SEL
SER
FD1L+
FD1L-
FD1R+
FD1R-
FD2L+
FD2L-
FD2R+
FD2R-
AM
SEL
SER
FD1L+
FD1L-
FD1R+
FD1R-
FD2L+
FD2L-
FD2R+
FD2R-
VDD
AM
220nF
220nF
220nF
220nF
220nF
220nF
220nF
470nF
470nF
220nF
220nF
220nF
220nF
220nF
13
MPX1
MPX
220nF
100nF
VB1
9
16
MPOUT
470nF
OUTSSR
OUTSSR
D00AU1161
22
12
23
AMIF
AMIF
220nF
14
LEVEL
LEVEL
15
MPIN
MPIN
QUAL
GND
QUAL
18
SM
SMUTE
20
SDA
SDA
21
SCL
SCL
17
=
+
-
OUTSSL
OUTSSL
24
OUTSWR
OUTSWR
25
OUTSWL
OUTSWL
26
OUTRR
OUTRR
27
OUTRF
OUTRF
28
OUTLR
OUTLR
29
OUTLF
ACINRR
ACINRF
ACINLR
ACINLF
SWINL
SWINR
OUTLF
30
ACOUTR
ACOUTR
37
36
35
10
µF
CREF
39
220nF
MD1
41
220nF
MD1G
MD1
MD1G
42
47nF
MUX
40
33
31
32
ACOUTL
MUX PAUSE
MD2
220nF
220nF
MD2G
MD2G
44
MD2
43
ACOUTL
38
19
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com