Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 15Page - STMicroelectronics TDA7412 Datasheet HTML 16Page - STMicroelectronics TDA7412 Datasheet HTML 17Page - STMicroelectronics TDA7412 Datasheet HTML 18Page - STMicroelectronics TDA7412 Datasheet HTML 19Page - STMicroelectronics TDA7412 Datasheet HTML 20Page - STMicroelectronics TDA7412 Datasheet HTML 21Page - STMicroelectronics TDA7412 Datasheet HTML 22Page - STMicroelectronics TDA7412 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
19/56
TDA7412
1.10 Voice-Band Application
Figure 14. VoiceBand Application with HPF 300/450/600/750Hz and LPF 3k/6kHz
1.11 Output Selector
The output-selector allows to connect the main- or the second-source to the Front-, Rear and Subwoofer speak-
er-attenuator, respectively. As an example of this programming the device is able to connect via software the
main-source to the back (rear) and the second-source to the front (see Figure 17). In addition to this stage allows
to setup different applications by IIC-Bus programming. In figure 18 to 20 three examples are given.
Figure 15. Output Selector
dB
Hz
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
100.0
1.0K
10.0K
VOICE BAND
BANDPASS
LOWPASS
MS MONO
MAIN SOURCE
RIGHT CHANNEL
MAIN SOURCE
SPEAKER FRONT
SWIN
ACINR
ACINF
OFF/ON
FC
ACOUT
SPEAKER REAR
SPEAKER SUBWOOFER
D00AU1155
LEFT CHANNEL
LEFT CHANNEL
SECOND SOURCE
SECOND SOURCE
25K
50K
50K
50K
25K
25K
25K
SEC.S MONO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com