Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 31Page - STMicroelectronics TDA7412 Datasheet HTML 32Page - STMicroelectronics TDA7412 Datasheet HTML 33Page - STMicroelectronics TDA7412 Datasheet HTML 34Page - STMicroelectronics TDA7412 Datasheet HTML 35Page - STMicroelectronics TDA7412 Datasheet HTML 36Page - STMicroelectronics TDA7412 Datasheet HTML 37Page - STMicroelectronics TDA7412 Datasheet HTML 38Page - STMicroelectronics TDA7412 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
35/56
TDA7412
of the normal noise-controlled trigger adjustment is fixed (fig. 24). In some cases the behavior of the noiseblank-
er can be improved by increasing the threshold even in a region of higher fieldstrength. Sometimes a wrong
triggering occurs for the MPX signal often shows distortion in this range which can be avoided even if using a
low threshold. Because of the overlap of this range and the range of the stereo/mono transition it can be con-
trolled by stereoblend. This increase of the threshold is programmable in 3 steps or switched off.
4.3.2 Over Deviation Detector
If the system is tuned to stations with a high deviation the noiseblanker can trigger on the higher frequencies
of the modulation or distortion. To avoid this behavior, which causes audible noise in the output signal, the
noiseblanker offers a deviation-dependent threshold adjustment. By rectifying the MPX signal a further signal
representing the actual deviation is obtained. It is used to increase the PEAK voltage. Offset and gain of this
circuit are programmable in 3 steps with the bits D6 and D7 of the noiseblanker-byte I (bit combination '00' turns
off the detector, see fig. 23).
4.3.3 Multipath-Level
To react on high repetitive spikes caused by a Multipath-situation, the discharge-time of the PEAK voltage can
be decreased depending on the voltage-level at pin MPout. The A679 offers a linear as well as a threshold driv-
en control. The linear influence of the Multipath-Level on the PEAK-signal (D7 of Multipath-Control-Byte) gives
a discharge slewrate of 1V/ms1 . The second possibility is to activate the threshold driven discharge which
switches on the 18kOhm discharge if the Multipath-Level is below 2.5V (D7 of noiseblanker-byte II-byte).
1 The slewrate is measured with RDischarge=infinite and VMPout=2.5V
AM mode of the Noiseblanker
The A679 noiseblanker is also suitable for AM noise cancelling. The detector uses in AM mode the 450kHz
unfiltered IF-output of the tuner for spike detection. A combination of programmable gain-stage and lowpass-
filter forms an envelope detector which drives the noiseblanker's input via a 120kHz 1.st order highpass. In order
to blank the whole spike in AM mode the hold-times of the sample and hold circuit are much longer then in FM
(640µs to 1.2ms). All threshold controls can be used like in FM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com