Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 51 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 47Page - STMicroelectronics TDA7412 Datasheet HTML 48Page - STMicroelectronics TDA7412 Datasheet HTML 49Page - STMicroelectronics TDA7412 Datasheet HTML 50Page - STMicroelectronics TDA7412 Datasheet HTML 51Page - STMicroelectronics TDA7412 Datasheet HTML 52Page - STMicroelectronics TDA7412 Datasheet HTML 53Page - STMicroelectronics TDA7412 Datasheet HTML 54Page - STMicroelectronics TDA7412 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
51/56
TDA7412
9.6.23Multipath Detector (28)
9.6.24Stereodecoder Adjustment (29)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Fast Load
on
off
0
0
1
1
0
1
0
1
Bandpass Gain
6dB
12dB
16dB
18dB
0
0
1
1
0
1
0
1
Rectifier Gain
Gain = 7.6dB
Gain = 4.6dB
Gain = 0dB
disabled
0
1
Charge Current at MP-Out
0.25µA
0.50µA
0
1
Multipath on High-Cut Decay-Time
2ms
10ms
0
1
Multipath influence on PEAK Discharge
off
-1V/ms
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
:
0
:
0
1
1
1
:
1
:
1
0
0
0
:
1
:
1
0
0
0
:
1
:
1
0
0
1
:
0
:
1
0
0
1
:
0
:
1
0
1
0
:
0
:
1
0
1
0
:
0
:
1
Roll-Off Compensation
not allowed
7.2%
9.4%
:
13.7%
:
20.2%
not allowed
19.6%
21.5%
:
25.3%
:
31.0%
0
0
0
:
1
0
0
0
:
1
0
0
1
:
1
0
1
0
:
1
LEVEL Gain
0dB
0.4dB
0.8dB
:
6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com