Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 18Page - STMicroelectronics TDA7412 Datasheet HTML 19Page - STMicroelectronics TDA7412 Datasheet HTML 20Page - STMicroelectronics TDA7412 Datasheet HTML 21Page - STMicroelectronics TDA7412 Datasheet HTML 22Page - STMicroelectronics TDA7412 Datasheet HTML 23Page - STMicroelectronics TDA7412 Datasheet HTML 24Page - STMicroelectronics TDA7412 Datasheet HTML 25Page - STMicroelectronics TDA7412 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
TDA7412
22/56
1.13 Speaker-Attenuator and Mixing
A Mixing-stage is placed after each speaker-attenuator and can be set independly to mixing-mode. Having a full
volume for the Mix-signal the stage offers a wide flexibility to adapt the mixing levels.
Figure 19. Output Selector
1.14 Audioprocessor Testing
During the Testmode, which can be activated by setting bit D0 of the stereodecoder testing-byte and the audio-
processor testing byte, several internal signals are available at the FD2R- pin. During this mode the input re-
sistance of 100kOhm is disconnected from the pin. The internal signals available are shown in the Data-byte
specification.
2.0 STEREODECODER PART
2.1 FEATURES:
s
no external components necessary
s
PLL with adjustment free, fully integrated VCO
s
automatic pilot dependent MONO/STEREO switching
s
very high suppression of intermodulation and interference
s
programmable Roll-Off compensation
s
dedicated RDS-Softmute
s
Highcut- and Stereoblend-characterisctics programmable in a wide range
s
FM/AMNoiseblanker with several threshold controls
s
Multipath-detector with programmable internal/external influence
s
I2C-bus control of all necessary functions
1
OUTF
25K
25K
25K
25K
FRONT
REAR
FROM MIXING
SELECTOR
D00AU1164
VOLUME
+15/-79dB
1dB Step
VOLUME
+15/-79dB
1dB Step
VOLUME
+15/-79dB
1dB Step
FROM OUTPUT
SELECTOR
1
OUTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com