Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 30Page - STMicroelectronics TDA7412 Datasheet HTML 31Page - STMicroelectronics TDA7412 Datasheet HTML 32Page - STMicroelectronics TDA7412 Datasheet HTML 33Page - STMicroelectronics TDA7412 Datasheet HTML 34Page - STMicroelectronics TDA7412 Datasheet HTML 35Page - STMicroelectronics TDA7412 Datasheet HTML 36Page - STMicroelectronics TDA7412 Datasheet HTML 37Page - STMicroelectronics TDA7412 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
TDA7412
34/56
4.0 FUNCTIONAL DESCRIPTION OF THE NOISEBLANKER
In the automotive environment the MPX-signal as well as the AM-signal is disturbed by spikes produced by the
ignition and other radiating sources like the wiper-motor. The aim of the noiseblanker part is to cancel the audi-
ble influence of the spikes. Therefore the output of the stereodecoder is held at the actual voltage for a time
between 22 and 38µs in FM (370 and 645µs in AM-mode). The blockdiagram of the noiseblanker is given in
fig.31.
Figure 29. Block diagram of the noiseblanker
In a first stage the spikes must be detected but to avoid a wrong triggering on high frequency (white) noise a
complex trigger control is implemented. Behind the triggerstage a pulse former generates the "blanking"-pulse.
4.1 Trigger Path FM
The incoming MPX signal is highpass-filtered, amplified and rectified. This second order highpass-filter has a
corner-frequency of 140kHz. The rectified signal, RECT, is integrated (lowpass filtered) to generate a signal
called PEAK. The DC-charge/discharge behaviour can be adjusted as well as the transient behaviour(MP-dis-
charge control). Also noise with a frequency 140kHz increases the PEAK voltage. The PEAK voltage is fed to
a threshold generator, which adds to the PEAK-voltage a DC-dependent threshold VTH. Both signals, RECT
and PEAK+VTH are fed to a comparator which triggers a re-triggerable monoflop. The monoflop's output acti-
vates the sample-and-hold circuits in the signalpath for the selected duration.
4.2 Noise Controlled Threshold Adjustment (NCT)
There are mainly two independent possibilities for programming the trigger threshold:
1. the low threshold in 8 steps (bits D1 to D3 of the noiseblanker-byte I)
2. and the noise adjusted threshold in 4 steps (bits D4 and D5 of the noiseblanker-byte I, see fig. 19).
The low threshold is activ in combination with a good MPX signal without noise; the PEAK voltage is less than
1V. The sensitivity in this operation is high.
If the MPX signal is noisy (low fieldstrength) the PEAK voltage increases due to the higher noise, which is also
rectified. With increasing of the PEAK voltage the trigger threshold increases, too. This gain is programmable
in 4 steps (see fig. 22).
4.3 Additional Threshold Control Mechanism
4.3.1 Automatic Threshold Control by the Stereoblend voltage
Besides the noise controlled threshold adjustment there is an additional possibility for influencing the trigger
threshold which depends on the stereoblend control.
The point where the MPX signal starts to become noisy is fixed by the RF part. Therefore also the starting point
+
-
RECTIFIER
AM/FM
INTEGRATOR
DISCHARGE
CONTROL
FM: 22 to 40
µs
AM: 370 to 6400
µs
RECT
+
+
THRESHOLD
GENERATOR
VTH
PEAK
ADDITIONAL
THRESHOLD
CONTROL
MONOFLOP
HOLDN
AMIF
D00AU1132
RECTIFIER +
14-56KHz LPF
(1st. order)
140KHz HPF
(1st. order)
140KHz HPF
(2nd. order)
MPX
MPOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com