Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 32Page - STMicroelectronics TDA7412 Datasheet HTML 33Page - STMicroelectronics TDA7412 Datasheet HTML 34Page - STMicroelectronics TDA7412 Datasheet HTML 35Page - STMicroelectronics TDA7412 Datasheet HTML 36Page - STMicroelectronics TDA7412 Datasheet HTML 37Page - STMicroelectronics TDA7412 Datasheet HTML 38Page - STMicroelectronics TDA7412 Datasheet HTML 39Page - STMicroelectronics TDA7412 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
TDA7412
36/56
5.0 FUNCTIONAL DESCRIPTION OF THE MULTIPATH-DETECTOR
Using the Multipath-Detector the audible effects of a multipath condition can be minimized. A multipath-condi-
tion is detected by rectifying the spectrum around 19kHz in the fieldstrength signal. An external capacitor is used
to define the attack- and decay-times for the Stereoblend (see blockdiagram, fig. 32). Due to the very small
charge currents this capacitor should be a low leakage current type (e.g ceramic). Using this configuration an
adaptation to the user's requirement is possible without effecting the "normal" fieldstrength input (LEVEL) for
the stereodecoder. This application is given in fig. 32. Another (internal) time constant is used to control the
Highcut through the multipath detector
Selecting the "internal influence" in the configuration byte the Stereo-Blend and/or the Highcut is automatically
invoked during a multipath condition according to the voltage appearing at the MP_OUT-pin.
Figure 30. Blockdiagram of the Multipath-Detector
6.0 QUALITY DETECTOR
The A679 offers a quality detector output which gives a voltage representing the FM-reception conditions. To
calculate this voltage the MPX-noise and the multipath-detector output are summed according to the following
formula :
VQual = 1.6 (VNoise-0.8 V)+ a (REF5V-VMpout).
The noise-signal is the PEAK-signal without additional influences (see noiseblanker description). The factor 'a'
can by programmed to 0.7 .... 1.15. The output is a low impedance output able to drive external circuitry as well
as simply fed to an AD-converter for RDS applications.
7.0 TESTMODE
During the Testmode, which can be activated by setting bit D0 and bit D1 of the stereodecoder testing-byte, sev-
eral internal signals are available at the FD2R+ pin. During this mode the input resistance of 100kOhm is dis-
connected from the pin. The internal signals available are shown in the Data-byte specification.
INT.
INFLUENCE
CHARGE
0.25
µA/0.5µA
FAST
CHARGE
300
µA
LEVEL
D00AU1166
LOWPASS
2.2KHz
BANDPASS
19KHz
RECTIFIER
SHIFT
0 ... 1.5V
LOWPASS
100Hz
=
=
LOWPASS
53KHz
INT.
INFLUENCE
MP HOLD
GAIN 2 bits
GAIN 2 bits
MP_IN
to HCC
to SB
470nF
MP_OUT
VDD
VDD
=
VDD
High-Cut-Infl.
Attach<500
µs
Decay=2/10ms
Stereoblend-Infl.
Attach=1ms
Decay=4/8s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com