Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7412 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 27Page - STMicroelectronics TDA7412 Datasheet HTML 28Page - STMicroelectronics TDA7412 Datasheet HTML 29Page - STMicroelectronics TDA7412 Datasheet HTML 30Page - STMicroelectronics TDA7412 Datasheet HTML 31Page - STMicroelectronics TDA7412 Datasheet HTML 32Page - STMicroelectronics TDA7412 Datasheet HTML 33Page - STMicroelectronics TDA7412 Datasheet HTML 34Page - STMicroelectronics TDA7412 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
31/56
TDA7412
Figure 24. Signals during stereodecoder's SoftMute
Figure 25. Signal-Control via SoftMute-Pin
3.2 InGain + Infilter
The InGain stage allows to adjust the MPX-signal to a magnitude of about 1Vrms internally which is the recom-
mended value. The 4.th order input filter has a corner frequency of 80kHz and is used to attenuate spikes and
noise and acts as an anti-aliasing filter for the following switch capacitor filters.
3.3 Demodulator
In the demodulator block the left and the right channel are separated from the MPX-signal. In this stage also the
19-kHz pilottone is cancelled. For reaching a high channel separation the A679 offers an I2C-bus programmable
roll-off adjustment which is able to compensate the lowpass behavior of the tuner section. If the tuner's attenu-
ation at 38kHz is in a range from 7.2% to 31.0% the A679 needs no external network in front of the MPX-pin.
Within this range an adjustment to obtain at least 40dB channel separation is possible. The bits for this adjust-
ment are located together with the fieldstrength adjustment in one byte. This gives the possibility to perform an
MP-HOLD
SOFTMUTE
PIN
D00AU1165
SOFTMUTE
PLL-HOLD
PLL-HOLD
INFLUENCE
STDHMUTE
MUTED
STDHMUTE
INFLUENCE
SOFTMUTE
INFLUENCE
IIC-BUS
SOFTMUTE
INFLUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com