Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 156Page - National Semiconductor (TI) PC87307 Datasheet HTML 157Page - National Semiconductor (TI) PC87307 Datasheet HTML 158Page - National Semiconductor (TI) PC87307 Datasheet HTML 159Page - National Semiconductor (TI) PC87307 Datasheet HTML 160Page - National Semiconductor (TI) PC87307 Datasheet HTML 161Page - National Semiconductor (TI) PC87307 Datasheet HTML 162Page - National Semiconductor (TI) PC87307 Datasheet HTML 163Page - National Semiconductor (TI) PC87307 Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 218 page
background image
160
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
The Consumer-IR utilizes two carrier frequency ranges (see
also Table 7-28):
— Low range which spans from 30 KHz to 56 KHz, in 1
KHz increments, and
— High range which includes three frequencies:
400KHz, 450KHz or 480KHz.
High and low frequencies are specified independently to al-
low separate transmission and reception modulation set-
tings. The transmitter uses the carrier frequency settings in
Table 7-28.
The four registers at offsets 04h through 07h (the infrared
transceiver configuration registers) are provided to config-
ure the Infrared Interface (the transceiver). The transceiver
mode is selected by up to three special output signals
(IRSL2-0). When programmed as outputs these signals are
forced to low when automatic configuration is enabled (AM-
CFG bit set to 1) and a UART mode is selected.
7.17.1
Infrared Receiver Demodulator Control
Register (IRRXDC), Bank 7, Offset 0
This register controls settings for Sharp-IR and Consumer
IR reception. After reset, the content of this register is 29h.
This setting selects a subcarrier frequency in a range be-
tween 34.61 KHz and 38.26 KHz for the Consumer-IR
mode, and from 480.0 to 533.3 KHz for the Sharp-IR mode.
The value of this register is ignored in both modes if the re-
ceiver demodulator is disabled. The available frequency
ranges for Consumer-IR and Sharp-IR modes are given in
Tables 7-25 through 7-27.
FIGURE 7-35. IRRXDC Register Bitmap
Bits 4-0 - Demodulator Frequency (DFR(4-0))
These bits select the subcarrier’s center frequency for
the Consumer-IR receiver demodulator. Table 7-25
shows the selection for low speed demodulation (bit 5 of
05h
Reserved
06h
IRCFG3
Infrared Interface Configuration
Register 3
07h
IRCFG4
Infrared Interface Configuration
Register 4
Offset
Register
Name
Description
76543210
Reset
Required
1
0
0
1
0
1
0
0
Register (IRRXDC)
Bank 7,
Demodulation Control
Infrared Receiver
DFR2
DFR4
DBW0
DBW1
DBW2
DFR0
DFR1
DFR3
Offset 00h
RCCFG=0, see page 163), and Table 7-26 shows the
selection for high speed demodulation (bit 5 of RC-
CFG=1).
Bits 7-5 - Demodulator Bandwidth (DBW(2-0))
These bits set the demodulator bandwidth for the select-
ed frequency range. The subcarrier signal frequency
must fall within the specified frequency range in order to
be accepted. Used for both Sharp-IR and Consumer-IR
modes.
See Tables 7-25, 7-26 and bit 5 (RXHSC) of the Con-
sumer-IR Configuration (RCCFG) Register on page
163.
7.17.2
Infrared Transmitter Modulator Control
Register (IRTXMC), Bank 7, Offset 01h
This register controls modulation subcarrier parameters for
Consumer-IR and Sharp-IR mode transmission. For Sharp-
IR, only the carrier pulse width is controlled by this register
- the carrier frequency is fixed at 500 KHz.
After reset, the value of this register is 69h, selecting a car-
rier frequency of 36 KHZ and an IR pulse width of 7
µsec for
Consumer-IR, or a pulse width of 0.8
µsec for Sharp-IR.
FIGURE 7-36. IRTXMC Register Bitmap
Bits 4-0 - Modulation Subcarrier Frequency (MCFR)
These bits set the frequency for the Consumer-IR modula-
tion subcarrier. The encoding are defined in Table 7-28. Bits
7-5 - Modulation Subcarrier Pulse Width (MCPW)
Specify the pulse width of the subcarrier clock as shown
in Table 7-29.
76543210
Reset
Required
1
0
0
1
0
1
1
0
Modulation Control
(IRTXMC)
Bank 7,
Infrared Transmitter
MCFR(4-0)
Register
MCPW(2-0)
Offset 01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com