Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 158Page - National Semiconductor (TI) PC87307 Datasheet HTML 159Page - National Semiconductor (TI) PC87307 Datasheet HTML 160Page - National Semiconductor (TI) PC87307 Datasheet HTML 161Page - National Semiconductor (TI) PC87307 Datasheet HTML 162Page - National Semiconductor (TI) PC87307 Datasheet HTML 163Page - National Semiconductor (TI) PC87307 Datasheet HTML 164Page - National Semiconductor (TI) PC87307 Datasheet HTML 165Page - National Semiconductor (TI) PC87307 Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 218 page
background image
162
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
TABLE 7-26. Consumer IR, High Speed Demodulator (RXHSC = 1) (Frequency Ranges in kHz)
TABLE 7-27. Sharp-IR Demodulator (Frequency Ranges in kHz)
DFR Bits
4 3 2 1 0
DBW2-0 (Bits 7, 6 and 5 of IRRXDC)
min/max
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
0 0 0 1 1
min
380.95
363.63
347.82
333.33
320.00
307.69
max
421.05
444.44
470.58
500.00
533.33
571.42
0 1 0 0 0
min
436.36
417.39
400.00
384.00
369.23
355.55
max
480.00
505.26
533.33
564.70
600.00
640.00
0 1 0 1 1
min
457.71
436.36
417.39
400.00
384.00
369.92
max
502.26
533.33
564.70
600.00
640.00
685.57
DFR Bits
4 3 2 1 0
DBW2-0 (Bits 7, 6 and 5 of IRRXDC)
min/max
001
010
011
100
101
110
x x x x x x
min
480.0
457.1
436.4
417.4
400.0
384.0
max
533.3
564.7
600.0
640.0
685.6
738.5
TABLE 7-28. Consumer-IR Carrier Frequency
Encoding
Encoding
MCFR Bits
43210
Low Frequency
(TXHSC = 0)
High Frequency
(TXHSC = 1)
00000
reserved
reserved
00001
reserved
reserved
00010
reserved
reserved
00011
30 KHz
400 KHz
00100
31 KHz
reserved
00101
32 KHz
reserved
00110
33 KHz
reserved
00111
34 KHz
reserved
01000
35 KHz
450 KHz
01001
36 KHz
reserved
01010
37 KHz
reserved
01011
38 KHz
480 KHz
01100
39 KHz
reserved
01101
40 KHz
reserved
01110
41 KHz
reserved
. . .
. . .
. . .
11010
53 KHz
reserved
11011
54 KHz
reserved
TABLE 7-29. Carrier Clock Pulse Width Options
11100
55 KHz
reserved
11101
56 KHz
reserved
11110
56.9 KHz
reserved
11111
reserved
reserved
Encoding
MCPW Bits
7 6 5
Low Frequency
(TXHSC = 0)
High Frequency
(TXHSC = 1)
0 0 0
Reserved
Reserved
0 0 1
Reserved
Reserved
0 1 0
6
µsec
0.7
µsec
0 1 1
7
µsec
0.8
µsec
1 0 0
9
µsec
0.9
µsec
1 0 1
10.6
µsec
Reserved
1 1 0
Reserved
Reserved
1 1 1
Reserved
Reserved
Encoding
MCFR Bits
43210
Low Frequency
(TXHSC = 0)
High Frequency
(TXHSC = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com