Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 161Page - National Semiconductor (TI) PC87307 Datasheet HTML 162Page - National Semiconductor (TI) PC87307 Datasheet HTML 163Page - National Semiconductor (TI) PC87307 Datasheet HTML 164Page - National Semiconductor (TI) PC87307 Datasheet HTML 165Page - National Semiconductor (TI) PC87307 Datasheet HTML 166Page - National Semiconductor (TI) PC87307 Datasheet HTML 167Page - National Semiconductor (TI) PC87307 Datasheet HTML 168Page - National Semiconductor (TI) PC87307 Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 218 page
background image
165
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
Bits 2-0 - Reserved
Read/write 0.
Bit 3- ID/IRSL(2-1) Pins’ Direction Select (IRSL21_DS)
This bit determines the direction of the ID/IRSL2 and
ID/IRSL1 pins.
0 - Pins’ direction is input.
1 - Pins’ direction is output.
Bit 4 - IRRX Signal Invert (RXINV)
This bit supports optical transceivers with receive signals
of opposite polarity (active high instead of active low).
When set to 1 an inverter is put on the path of the input
signal of the receiver.
Bit 5 - ID0/IRSL0/IRRX2 Pin Direction Select (IRSL0_DS)
This
bit
determines
the
direction
of
the
ID0/
IRSL0/IRRX2 pin. See Table 7-31 on page 165.
0 - Pin’s direction is input.
1 - Pin’s direction is output.
Bit 6 - Reserved
Read/write 0.
Bit 7 - Automatic Module Configuration (AMCFG)
When set to 1, this bit enables automatic infrared con-
figuration.
a. IRCFG4 is in bank 7, offset 07h. It is
described on page 164.
b. AUX_IRRX (bit 4 of IRCR2) is described on
page 158.
TABLE 7-31. Infrared Receiver Input Selection
Bit 5 of IRCFG4a
(IRSL0_DS)
Bit 4 of IRCR2
(AUX_IRRX)b
Selected IRRX
0
0
IRRX1
0
1
IRRX2
1
0
IRRX1
11
1
7.18 UART2 REGISTER WITH FAST IR REGISTER
BITMAPS
76543210
Reset
Required
Receiver Data
Register (RXD)
Bank 0,
Received Data
Read Cycles
Offset 00h
76543210
Reset
Required
Transmitter Data
Register (TXD)
Bank 0,
Transmitted Data
Write Cycles
Offset 00h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
LS_IE or TXUR_IE
DMA_IE
TXEMP_IE
Reserved
Reserved
RXHDL_IE
TXLDL_IE
MS_IE
Interrupt Enable
Register (IER)
Bank 0,
Extended Mode
Offset 01h
76543210
Reset
Required
1
0
0
0
0
0
0
0
0
0
Non-Extended Modes, Read Cycles
IPR1 - Interrupt Priority 1
Reserved
Reserved
FEN0 - FIFO Enabled
FEN1 - FIFO Enabled
Event Identification
IPR0 - Interrupt Priority 0
RXFT - RX_FIFO Time-Out
Bank 0,
Register (EIR)
Offset 02h
IPF - Interrupt Pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com