Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87307 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 157Page - National Semiconductor (TI) PC87307 Datasheet HTML 158Page - National Semiconductor (TI) PC87307 Datasheet HTML 159Page - National Semiconductor (TI) PC87307 Datasheet HTML 160Page - National Semiconductor (TI) PC87307 Datasheet HTML 161Page - National Semiconductor (TI) PC87307 Datasheet HTML 162Page - National Semiconductor (TI) PC87307 Datasheet HTML 163Page - National Semiconductor (TI) PC87307 Datasheet HTML 164Page - National Semiconductor (TI) PC87307 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 218 page
background image
161
UART1 and UART2 (with IR) (Logical Devices 5 and 6)
www.national.com
TABLE 7-25. Consumer-IR, Low Speed Demodulator (RXHSC = 0) (Frequency Ranges in KHz)
DFR Bits
4 3 2 1 0
DBW2-0 (Bits 7, 6 and 5 of IRRXDC)
min/max
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
0 0 0 1 0
min
26.66
25.45
24.34
23.33
22.40
21.53
max
29.47
31.11
32.94
35.00
37.33
40.00
0 0 0 1 1
min
28.57
27.27
26.08
25.00
24.00
23.07
max
31.57
33.33
35.29
37.50
40.00
42.85
0 0 1 0 0
min
29.28
27.95
26.73
25.62
24.60
23.65
max
32.37
34.16
36.17
38.43
41.00
43.92
0 0 1 0 1
min
30.07
28.68
27.43
26.29
25.24
24.27
max
33.24
35.05
37.11
39.43
42.06
45.07
0 0 1 1 0
min
31.74
30.30
28.98
27.77
26.66
25.63
max
35.08
37.03
39.21
41.66
44.44
47.61
0 0 1 1 1
min
32.60
31.13
29.78
28.54
27.40
26.34
max
36.00
38.05
40.29
42.81
45.66
48.92
0 1 0 0 0
min
33.57
32.04
30.65
29.37
28.20
27.11
max
37.10
39.16
41.47
44.06
47.00
50.35
0 1 0 0 1
min
34.61
33.04
31.60
30.29
29.08
27.96
max
38.26
40.38
42.76
45.43
48.46
51.92
0 1 0 1 0
min
35.71
34.09
32.60
31.25
30.00
28.84
max
39.47
41.66
44.11
46.87
50.00
53.57
0 1 0 1 1
min
36.85
35.18
33.65
32.25
30.96
29.76
max
40.73
43.00
45.52
48.37
51.60
55.28
0 1 1 0 0
min
38.10
36.36
34.78
33.33
32.00
30.77
max
42.10
44.44
47.05
50.00
53.33
57.14
0 1 1 0 1
min
39.40
37.59
36.00
34.45
33.08
31.80
max
43.55
45.94
48.64
51.68
55.13
59.07
0 1 1 1 0
min
40.81
38.95
37.26
35.70
34.28
32.96
max
45.11
47.61
50.41
53.56
57.13
61.21
1 0 0 1 0
min
42.32
40.40
38.64
37.03
35.55
34.18
max
46.78
49.37
52.28
55.55
59.25
63.48
1 0 0 1 1
min
43.95
41.95
40.13
38.45
36.92
35.50
max
48.58
51.27
54.29
57.68
61.53
65.92
1 0 1 0 1
min
45.71
43.63
41.74
40.00
38.40
36.92
max
50.52
53.33
56.47
60.00
64.00
68.57
1 0 1 1 1
min
47.62
45.45
43.47
41.66
40.00
38.46
max
52.63
55.55
58.82
62.50
66.66
71.42
1 1 0 1 0
min
49.66
47.40
45.34
43.45
41.72
40.11
max
54.90
57.94
61.35
65.18
69.53
74.50
1 1 0 1 1
min
51.90
49.54
47.39
45.41
43.60
41.92
max
57.36
60.55
64.11
68.12
72.66
77.85
1 1 1 0 1
min
54.38
51.90
49.65
47.58
45.68
43.92
max
60.10
63.44
67.17
71.37
76.13
81.57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com