Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 158 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 154Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 155Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 156Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 157Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 158Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 159Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 160Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 161Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.12 MMC/SD/SDIO
The DM6441 MMC/SD/SDIO controller has following features:
•
MultiMediaCard (MMC).
•
Secure Digital (SD) memory card with Secure Data I/O (SDIO).
•
MMC/SD/SDIO protocol support.
•
Programmable clock frequency.
•
256 bit Read/Write FIFO to lower system overhead.
•
Slave DMA transfer capability.
SDIO is only supported for WLAN operation through TI third parties. For more information about
third-party WLAN products, go to http://www.ti.com.davinciwlan.
The MMC/SD/SDIO register memory mapping is shown in Table 6-43.
6.12.1 MMC/SD/SDIO Peripheral Description(s)
Table 6-43. MMC/SD/SDIO Register Descriptions
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01E1 0000
MMCCTL
MMC Control Register
0x01E1 0004
MMCCLK
MMC Memory Clock Control Register
0x01E1 0008
MMCST0
MMC Status Register 0
0x01E1 000C
MMCST1
MMC Status Register 1
0x01E1 0010
MMCIM
MMC Interrupt Mask Register
0x01E1 0014
MMCTOR
MMC Response Time-Out Register
0x01E1 0018
MMCTOD
MMC Data Read Time-Out Register
0x01E1 001C
MMCBLEN
MMC Block Length Register
0x01E1 0020
MMCNBLK
MMC Number of Blocks Register
0x01E1 0024
MMCNBLC
MMC Number of Blocks Counter Register
0x01E1 0028
MMCDRR
MMC Data Receive Register
0x01E1 002C
MMCDXR
MMC Data Transmit Register
0x01E1 0030
MMCCMD
MMC Command Register
0x01E1 0034
MMCARGHL
MMC Argument Register
0x01E1 0038
MMCRSP01
MMC Response Register 0 and 1
0x01E1 003C
MMCRSP23
MMC Response Register 2 and 3
0x01E1 0040
MMCRSP45
MMC Response Register 4 and 5
0x01E1 0044
MMCRSP67
MMC Response Register 6 and 7
0x01E1 0048
MMCDRSP
MMC Data Response Register
0x01E1 004C - 0x01E1 004F
-
Reserved
0x01E1 0050
MMCCIDX
MMC Command Index Register
0x01E1 0054 - 0x01E1 0063
-
Reserved
0x01E1 0064
SDIOCTL
SDIO Control Register
0x01E1 0068
SDIOST0
SDIO Status Register 0
0x01E1 006C
SDIOIEN
SDIO Interrupt Enable Register
0x01E1 0070
SDIOIST
SDIO Interrupt Status Register
0x01E1 0074
MMCFIFOCTL
MMC FIFO Control Register
0x01E1 0078 - 0x01E1 FFFF
-
Reserved
158
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com