Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 77 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 73Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 74Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 75Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 76Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 77Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 78Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 79Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 80Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
3.5.5
PINMUX1 Register Description
The PINMUX1 pin multiplexing register controls which peripheral is given ownership over shared pins
among Timer, PLL, ASP, SPI, I2C, PWM, and UART peripherals. The register format is shown in
Figure 3-8 and bit field descriptions are given in Table 3-15. More details on the PINMUX1 pin muxing
fields are given in Section 3.5.6, Pin Multiplexing Register Field Details. A value of "1" enables the
secondary or tertiary pin function.
Figure 3-8. PINMUX1 Register
31
19
18
17
16
RESERVED
TIMIN
CLK1
CLK0
R-0000 0000 0000 0
R/W-0
R/W-0
R/W-0
15
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
ASP
MSKT
SPI
I2C
PWM2 PWM1 PWM0
U2FLO
UART2
UART1
UART0
R-0000 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-15. PINMUX1 Register Field Descriptions
Bit
Field
Value
Description
31 - 19
RESERVED
Reserved
18
TIMIN
Enable TIM_IN function on default GPIO[49] pin
17
CLK1
Enable CLK_OUT1 function on default GPIO[49] pin
16
CLK0
Enable CLK_OUT0 function on default GPIO[48] pin
15 - 11
RESERVED
Reserved
10
ASP
Enable ASP function on default GPIO[29:34] pins
9
MSKT
Enable Memory Stick/Memory Stick PRO function on default MMC/SD/SDIO pins
8
SPI
Enable SPI function on default GPIO[37,39:42] pins
7
I2C
Enable I2C function on default GPIO[43:44] pins
6
PWM2
Enable PWM2 function on default GPIO[47] pin
5
PWM1
Enable PWM1 function on default GPIO[46] pin
4
PWM0
Enable PWM0 function on default GPIO[45] pin
3
U2FLO
Enable UART2 flow control function on default VPFE CI[5:4]/CCD_DATA[13:12] pins
2
UART2
Enable UART2 function on default VPFE CI[7:6]/CCD_DATA[15:14] pins
1
UART1
Enable UART1 function on shared ATA (CF) DMACK, DMARQ pins
0
UART0
Enable UART0 function on default GPIO[35:36] pins
Copyright © 2006–2010, Texas Instruments Incorporated
Device Configurations
77
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com