Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 76 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 72Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 73Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 74Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 75Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 76Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 77Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 78Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 79Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
3.5.3
Peripheral Selection After Device Reset
After device reset, the PINMUX0 and PINMUX1 registers are software programmable to allow multiplexing
of shared device pins between peripherals, as given in Section 2.7, Terminal Functions. Section 3.5.4,
PINMUX0 Register Description, Section 3.5.5, PINMUX1 Register Description, and Section 3.5.6, Pin
Multiplexing Register Field Details, identify the register settings necessary to configure specific multiplexed
functions and show the primary (default) function after reset.
3.5.4
PINMUX0 Register Description
The PINMUX0 pin multiplexing register controls which peripheral is given ownership over shared pins
among EMAC, CCD, LCD, RGB888, RGB666, ATA, VLYNQ, EMIFA, HPI, and GPIO peripherals. The
register format is shown in Figure 3-7 and bit field descriptions are given in Table 3-14. More details on
the PINMUX0 pin muxing fields are given in Section 3.5.6, Pin Multiplexing Register Field Details. A value
of "1" enables the secondary or tertiary pin function.
Figure 3-7. PINMUX0 Register(1)
31
30
29
28
27
26
25
24
23
22
21
18
17
16
EMACEN
RSVD
HPIEN
RSVD
CFLDEN
CWE
LFLDEN
LOEEN
RGB888
RGB666
RESERVED
ATAEN
HDIREN
R/W-0
R/W-0
R/W-D
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0000
R/W-0
R/W-0
15
14
13
12
11
10
9
5
4
0
VLYNQEN
VLSCREN
VLYNQWD
AECS5
AECS4
RESERVED
AEAW
R/W-0
R/W-0
R/W-00
R/W-0
R/W-0
R-00000
R/W-LLLLL
LEGEND: R = Read; W = Write; L = pin state latched at reset rising edge; D = derived from pin states; -n = value after reset
(1)
For proper DM6441 device operation, always write a value of '0' to RSV bit 30.
Table 3-14. PINMUX0 Register Field Descriptions
Bit
Field
Value
Description
31
EMACEN
Enable EMAC and MDIO function on default GPIO3V[0:16] pins.
30
RESERVED
Reserved
29
HPIEN
Enable HPI module pins. Default value is derived from BTSEL[1:0] configuration inputs. HPIEN is 1
when the BTSEL[1:0] = 10 and HPIEN is 0 (the default state) when BTSEL[1:0] is 00, 01, or 11.
28
RESERVED
Reserved
27
CFLDEN
Enable CCD C_FIELD function on default GPIO[4] pin
26
CWE
Enable CCD C_WE function on default GPIO[1] pin
25
LFLDEN
Enable LCD_FIELD function on default GPIO[3] pin
24
LOEEN
Enable LCD_OE function on default GPIO[0] pin
23
RGB888
Enable VPBE RGB888 function on default GPIO[2:6, 46:47] pins
22
RGB666
Enable VPBE RGB666 function on default GPIO[46:47] pins
21 - 18
RESERVED
Reserved
17
ATAEN
Enable ATA function on default EMIFA and GPIO[52:53] pins and shared UART1 pins
16
HDIREN
Enable HDDIR function on default GPIO[42] pin
15
VLYNQEN
Enable VLYNQ function on default GPIO[9,10:17] pins
14
VLSCREN
Enable VLYNQ SCRUN function on default GPIO[9] pin
13 - 12
VLYNQWD
VLYNQ data width selection. This expands the VLYNQ TXD[0:3] and RXD[0:3] functions on default
GPIO[10:17] pins.
11
AECS5
Enable EMIFA EM_CS5 function on GPIO[8]
10
AECS4
Enable EMIFA EM_CS4 function on GPIO[9]
9 - 5
RESERVED
Reserved
4 - 0
AEAW
EMIFA address width selection. Default value is latched at reset from AEAW[4:0] configuration input
pins. This enables EMIF address function on default GPIO[10:28] pins.
76
Device Configurations
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com