Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 64 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 60Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 61Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 62Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 63Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 64Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 65Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 66Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 67Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
3.2.1
Power Configurations at Reset
As described in Section 6.3.1.3, DM6441 Power and Clock Domains, the DM6441 has two power
domains: Always On and DSP. There is a shorting switch between the two power domains that must be
opened when the DSP domain is powered off and closed when the DSP domain is powered on.
The CHP_SHRTSW register, shown in Figure 3-1, controls the shorting switch between the device
always-on and DSP power domains. This switch should be enabled after powering-up the DSP domain.
Setting the DSPPWRON bit to a value of 1 closes (enables) the switch and enables the DSP power
domain. The default switch value is determined by the DSP_BT configuration input. If DSP self boot is
selected (DSP_BT=1), the DSP will be powered-up and DSPPWRON will be set to a value of 1. For ARM
boot operation (DSP_BT=0), DSPPWRON will be set to the disable value of 0 and must be set by the
ARM before the DSP domain power is turned on.
Figure 3-1. CHP_SHRTSW Register
31
1
0
RESERVED
DSPPWRON
R-0000 0000 0000 0000 0000 0000 0000 000
R/W-L
LEGEND: R = Read, W = Write, n = value at reset, L = pin state latched at reset rising
Table 3-2. CHP_SHRTSW Register Field Descriptions
Bit
Field
Value
Description
31 - 1
RESERVED
Reserved
0
DSPPWRON
DSP power domain enable
0
Shorting switch open
1
Shorting switch closed
3.2.2
Power Configurations after Reset
The VDD3P3V_PWDN register controls power to the 3.3V I/O buffers for MMC/SD/SDIO, Memory
Stick/Memory Stick PRO, and GPIOV33. The 3.3V I/Os are separated into two groups for independent
control as shown in Figure 3-2 and described in Table 3-3. By default, these pins are all disabled at reset.
Figure 3-2. VDD3P3V_PWDN Register
31
2
1
0
RESERVED
IOPWDN1
IOPWDN0
R-0000 0000 0000 0000 0000 0000 0000 00
R/W-1
R/W-1
LEGEND: R = Read, W = Write, n = value at reset
Table 3-3. VDD3P3V_PWDN Register Field Descriptions
Bit
Field
Value
Description
31 - 2
RESERVED
Reserved
1
IOPWDN1
Memory Stick/Memory Stick PRO, MMC/SD/SDIO powerdown controls.
0
I/O buffers powered up
1
I/O buffers powered down
0
IOPWDN0
GIOV33 I/O powerdown controls GIOV33[16:0] pins.
0
I/O buffers powered up
1
I/O buffers powered down
64
Device Configurations
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com