Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 28 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 24Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 25Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 26Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 27Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 28Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 29Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 30Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 31Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
2.7
Terminal Functions
The terminal functions tables (Table 2-5 through Table 2-30) identify the external signal names, the
associated pin (ball) numbers along with the mechanical package designator, the pin type, whether the pin
has any internal pullup or pulldown resistors, and a functional pin description. For more detailed
information on device configuration, peripheral selection, multiplexed/shared pin, and debugging
considerations, see Section 3, Device Configurations, of this data manual.
Table 2-5. BOOT Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
DESCRIPTION
(3)
NAME
NO.
BOOT
These pins are multiplexed between ARM boot mode and the VPBE. At
reset, the boot mode inputs BTSEL0 and BTSEL1 are sampled to
COUT0/
IPD
determine the ARM boot configuration. See below for the boot modes set
B3/
A16
I/O/Z
DVDD18
by these inputs. See Section 3.3, Bootmode, for more details.
BTSEL0
After reset, these are video encoder outputs COUT0 and COUT1, or
RGB666/888 Blue output data bits 3 and 4 B3/B4.
BTSEL1
BTSEL0
ARM Boot Mode
0
0
ARM ROM boot (NAND, SPI) [default]
COUT1/
IPD
B4/
B16
I/O/Z
0
1
ARM EMIFA boot (NOR)
DVDD18
BTSEL1
1
0
ARM ROM boot (HPI)
1
1
ARM ROM boot (UART0)
This pin is multiplexed between EMIFA and the VPBE. At reset, the input
state is sampled to set the EMIFA data bus width (EM_WIDTH). For an
COUT2/
IPD
8-bit-wide EMIFA data bus, EM_WIDTH = 0. For a 16-bit-wide EMIFA data
B5/
A17
I/O/Z
DVDD18
bus, EM_WIDTH = 1.
EM_WIDTH
After reset, it is video encoder output COUT2 or RGB666/888 Blue output
data bit 5 B5.
This pin is multiplexed between DSP boot and the VPBE. At reset, the
input state is sampled to set the DSP boot source DSP_BT. The DSP is
COUT3/
IPD
booted by the ARM when DSP_BT=0. The DSP boots from EMIFA when
B6/
B17
I/O/Z
DVDD18
DSP_BT=1.
DSP_BT
After reset, it is video encoder output COUT3 or RGB666/888 Blue data
bit 6 output B6.
YOUT0/
IPD
G5/
D15
I/O/Z
DVDD18
AEAW0
YOUT1/
IPD
G6/
D16
I/O/Z
DVDD18
AEAW1
These pins are multiplexed between EMIFA and the VPBE. At reset, the
YOUT2/
input states of AEAW[4:0] are sampled to set the EMIFA address bus
IPD
G7/
D17
I/O/Z
width. See Section 3.4.2, Peripheral Selection at Device Reset, for details.
DVDD18
AEAW2
After reset, these are video encoder outputs YOUT[0:4] or RGB666/888
Red and Green data bit outputs G5, G6, G7, R3, and R4.
YOUT3/
IPD
R3/
D18
I/O/Z
DVDD18
AEAW3
YOUT4/
IPD
R4/
E15
I/O/Z
DVDD18
AEAW4
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = internal pulldown, IPU = internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
28
Device Overview
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com