Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 3 Page - Texas Instruments

  TNETV1647GSTZWT Datasheet HTML 1Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 2Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 3Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 4Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 5Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 6Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 7Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 8Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
1.2
Description
The TMS320DM6441 (also referenced as DM6441) leverages TI’s DaVinci™ technology to meet the
networked media encode and decode application processing needs of next-generation embedded devices.
The DM6441 enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, high processing performance, and long battery life through the
maximum flexibility of a fully integrated mixed processor solution.
The dual-core architecture of the DM6441 provides benefits of both DSP and Reduced Instruction Set
Computer (RISC) technologies, incorporating a high-performance TMS320C64x+ DSP core and an
ARM926EJ-S core.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core incorporates:
A coprocessor 15 (CP15) and protection module
Data and program memory management units (MMUs) with table look-aside buffers.
Separate 16K-byte instruction and 8K-byte data caches. Both are four-way associative with virtual
index virtual tag (VIVT).
The
TMS320C64x+™
DSPs
are
the
highest-performance
fixed-point
DSP
generation
in
the
TMS320C6000™ DSP platform. It is based on an enhanced version of the second-generation
high-performance,
advanced
very-long-instruction-word
(VLIW)
architecture
developed
by
Texas
Instruments (TI), making these DSP cores an excellent choice for digital media applications. The C64x is a
code-compatible member of the C6000™ DSP platform. The TMS320C64x+ DSP is an enhancement of
the C64x+ DSP with added functionality and an expanded instruction set.
Any reference to the C64x DSP or C64x CPU also applies, unless otherwise noted, to the C64x+ DSP and
C64x+ CPU, respectively.
With performance of up to 4104 million instructions per second (MIPS) at a clock rate of 513 MHz, the
C64x+ core offers solutions to high-performance DSP programming challenges. The DSP core possesses
the operational flexibility of high-speed controllers and the numerical capability of array processors. The
C64x+ DSP core processor has 64 general-purpose registers of 32-bit word length and eight highly
independent functional units—two multipliers for a 32-bit result and six arithmetic logic units (ALUs). The
eight functional units include instructions to accelerate the performance in video and imaging applications.
The DSP core can produce four 16-bit multiply-accumulates (MACs) per cycle for a total of 2052 million
MACs per second (MMACS), or eight 8-bit MACs per cycle for a total of 4104 MMACS. For more details
on the C64x+ DSP, see the TMS320C64x/C64x+ DSP CPU and Instruction Set Reference Guide
(literature number SPRU732).
The DM6441 also has application-specific hardware logic, on-chip memory, and additional on-chip
peripherals similar to the other C6000 DSP platform devices. The DM6441 core uses a two-level
cache-based architecture. The Level 1 program cache (L1P) is a 256K-bit direct mapped cache and the
Level 1 data cache (L1D) is a 640K-bit 2-way set-associative cache. The Level 2 memory/cache (L2)
consists of an 512K-bit memory space that is shared between program and data space. L2 memory can
be configured as mapped memory, cache, or combinations of the two.
The peripheral set includes: two configurable video ports; a 10/100 Mb/s Ethernet MAC (EMAC) with a
management data input/output (MDIO) module; an inter-integrated circuit (I2C) bus interface; one audio
serial port (ASP); two 64-bit general-purpose timers each configurable as two independent 32-bit timers;
one 64-bit watchdog timer; up to 71 pins of general-purpose input/output (GPIO) with programmable
interrupt/event generation modes, multiplexed with other peripherals; three UARTs with hardware
handshaking support on one UART; three pulse width modulator (PWM) peripherals; and two external
memory interfaces: an asynchronous external memory interface (EMIFA) for slower memories/peripherals,
and a higher speed synchronous memory interface for DDR2.
Copyright © 2006–2010, Texas Instruments Incorporated
Digital Media System-on-Chip (DMSoC)
3
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com