Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 100 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 96Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 97Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 98Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 99Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 100Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 101Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 102Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 103Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.3.1.4
Power and Sleep Controller (PSC) Module
The power and sleep controller (PSC) controls DM6441 device power by turning off unused power
domains or gating off clocks to individual peripherals/modules. The PSC consists of a global PSC (GPSC)
and a set of Local PSCs (LPSCs). The GPSC contains memory mapped registers, power domain control,
PSC interrupt control, and a state machine for each peripheral/module. An LPSC is associated with each
peripheral/module and provides clock and reset control. The GPSC controls all of DM6441’s LPSCs. The
ARM subsystem does not have an LPSC module. ARM sleep mode is accomplished through the wait for
interrupt instruction. The LPSCs for DM6441 are shown in Table 6-5. The PSC Register memory map is
given in Table 6-6. For more details on the PSC, see Section 2.8.3, Documentation Support, for the
TMS320DM644x DMSoC ARM Subsystem Reference Guide (literature number SPRUE14).
Table 6-5. DM6441 LPSC Assignments
LPSC
Peripheral/Module
LPSC
Peripheral/Module
LPSC
Peripheral/Module
Number
Number
Number
0
VPSS DMA
14
EMIFA
28
TIMER1
1
VPSS MMR
15
MMC/SD/SDIO
29
Reserved
2
EDMA3CC
16
Memory Stick/Memory
30
Reserved
Stick PRO
3
EDMA3TC0
17
ASP
31
Reserved
4
EDMA3TC1
18
I2C
32
Reserved
5
EMAC
19
UART0
33
Reserved
6
EMAC Memory Controller
20
UART1
34
Reserved
7
MDIO
21
UART2
35
Reserved
8
Reserved
22
SPI
36
Reserved
9
USB
23
PWM0
37
Reserved
10
ATA/CF
24
PWM1
38
Reserved
11
VLYNQ
25
PWM2
39
C64x+ CPU
12
HPI
26
GPIO
40
VICP
13
DDR2 Memory Controller
27
TIMER0
Table 6-6. PSC Register Memory Map
REGISTER
HEX ADDRESS RANGE
DESCRIPTION
ACRONYM
0x01C4 1000
PID
Peripheral Revision and Class Information Register
0x01C4 1004 - 0x01C4 1014
-
Reserved
0x01C4 1018
INTEVAL
Interrupt Evaluation Register
0x01C4 101C - 0x01C4 103F
-
Reserved
0x01C4 1040
MERRPR0
Module Error Pending 0 (mod 0 - 31) Register
0x01C4 1044
MERRPR1
Module Error Pending 1 (mod 32- 63) Register
0x01C4 1048 - 0x01C4 104F
-
Reserved
0x01C4 1050
MERRCR0
Module Error Clear 0 (mod 0 - 31) Register
0x01C4 1054
MERRCR1
Module Error Clear 1 (mod 32 - 63) Register
0x01C4 1058 - 0x01C4 105F
-
Reserved
0x01C4 1060
PERRPR
Power Error Pending Register
0x01C4 1064 - 0x01C4 1067
-
Reserved
0x01C4 1068
PERRCR
Power Error Clear Register
0x01C4 106C - 0x01C4 106F
-
Reserved
0x01C4 1070
EPCPR
External Power Error Pending Register
0x01C4 1074 - 0x01C4 1077
-
Reserved
0x01C4 1078
EPCCR
External Power Control Clear Register
100
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com