Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 102 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 98Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 99Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 100Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 101Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 102Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 103Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 104Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 105Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-6. PSC Register Memory Map (continued)
REGISTER
HEX ADDRESS RANGE
DESCRIPTION
ACRONYM
0x01C4 1A0C
M DCTL3
Module Control 3 Register (EDMA3TC0)
0x01C4 1A10
MDCTL4
Module Control 4 Register (EDMA3TC1)
0x01C4 1A14
MDCTL5
Module Control 5 Register (EMAC)
0x01C4 1A18
MDCTL6
Module Control 6 Register (EMAC Memory Controller)
0x01C4 1A1C
MDCTL7
Module Control 7 Register (MDIO)
0x01C4 1A20
Reserved
0x01C4 1A24
MDCTL9
Module Control 9 Register (USB)
0x01C4 1A28
MDCTL10
Module Control 10 Register (ATA/CF)
0x01C4 1A2C
MDCTL11
Module Control 11 Register (VLYNQ)
0x01C4 1A30
MDCTL12
Module Control 12 Register (HPI)
0x01C4 1A34
MDCTL13
Module Control 13 Register (DDR2)
0x01C4 1A38
MDCTL14
Module Control 14 Register (EMIFA)
0x01C4 1A3C
MDCTL15
Module Control 15 Register (MMC/SD/SDIO)
0x01C4 1A40
MDCTL16
Module Control 16 Register (Memory Stick/Memory Stick PRO)
0x01C4 1A44
MDCTL17
Module Control 17 Register (ASP)
0x01C4 1A48
MDCTL18
Module Control 18 Register (I2C)
0x01C4 1A4C
MDCTL19
Module Control 19 Register (UART0)
0x01C4 1A50
MDCTL20
Module Control 20 Register (UART1)
0x01C4 1A54
MDCTL21
Module Control 21 Register (UART2)
0x01C4 1A58
MDCTL22
Module Control 22 Register (SPI)
0x01C4 1A5C
MDCTL23
Module Control 23 Register (PWM0)
0x01C4 1A60
MDCTL24
Module Control 24 Register (PWM1)
0x01C4 1A64
MDCTL25
Module Control 25 Register (PWM2)
0x01C4 1A68
MDCTL26
Module Control 26 Register (GPIO)
0x01C4 1A6C
MDCTL27
Module Control 27 Register (TIMER0)
0x01C4 1A70
MDCTL28
Module Control 28 Register (TIMER1)
0x01C4 1A74 - 0x01C4 1A9B
-
Reserved
0x01C4 1A9C
MDCTL39
Module Control 39 Register (C64x+ CPU)
0x01C4 1AA0
MDCTL40
Module Control 40 Register (VICP)
0x01C4 1AA4 - 0x01C4 1FFF
-
Reserved
102
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com