Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 106 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 102Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 103Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 104Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 105Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 106Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 107Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 108Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 109Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 236 page
background image
MXI/CLKIN
MXO
C1
C2
Crystal
MXVSS
27 MHz
1.8 V
MXVDD
RBIAS
(optional)
C
L
+
C
1C2
(C
1
) C2)
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.5
External Clock Input From MXI/CLKIN Pin
The DM6441 device has two input pins for an external clock source, MXI/CLKIN and M24XI. The
MXI/CLKIN pin provides the clock source for PLL1 and PLL2 whose optimal frequency is 27 MHz. The
M24XI pin provides the clock source for the USB PLL whose optimal frequency is 24 MHz.
The DM6441 device includes two options to provide an external clock input:
1. Use an on-chip oscillator with external crystal or ceramic resonator circuit (only supporting
parallel-resonant mode; it does not provide overtone support). For more details, see Section 6.5.1,
Clock Input Option 1 – Crystal.
2. Use an external 1.8-V LVCMOS-compatible clock input. For more details, see Section 6.5.2, Clock
Input Option 2 – 1.8-V LVCMOS-Compatible Clock Input.
6.5.1
Clock Input Option 1 – Crystal
6.5.1.1
27-MHz crystal for System Oscillator
In this option, a crystal is used as the external clock input to the DM6441 PLL1 and PLL2.
The 27-MHz oscillator provides the reference clock for all DM6441 subsystems and peripherals. The
on-chip oscillator requires an external 27-MHz crystal connected across the MXI and MXO pins, along
with two load capacitors, as shown in Figure 6-10. The external crystal load capacitors must be
connected only to the 27-MHz oscillator ground pin (MXVSS). Do not connect to board ground (VSS). The
MXVDD pin can be connected to the same 1.8 V power supply as DVDD18.
Figure 6-10. 27-MHz System Oscillator
The RBIAS resistor is optional. If the RBIAS resistor is used, it should equal 1 M
Ω ± 5%. The load
capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are C1 = C2 =
10 pF). CL in the equation is the load specified by the crystal manufacturer. All discrete components used
to implement the oscillator circuit should be placed as close as possible to the associated oscillator pins
(MXI and MXO) and to the MXVSS pin.
106
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com