Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 110 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 106Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 107Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 108Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 109Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 110Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 111Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 112Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 113Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 236 page
background image
PLLV
DD18
C2
C1
EMIFilter
+1.8V
DM644x
PLL2
PLL1
0.1µF
0.01µF
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-12. PLL and Reset Controller Registers Memory Map (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C4 0D50
SYSTAT
PLL Controller 2 System Clock Status 1 Register (Indicates SYSCLK on/off
Status)
6.6.1
PLL1 and PLL2
Both PLL1 and PLL2 power is supplied externally via the 1.8 V PLL power-supply pin (PLLVDD18). It is
recommended that an external EMI filter circuit be added to PLLVDD18, as shown in Figure 6-13. The 1.8-V
supply of the EMI filter must be from the same 1.8-V power plane supplying the device’s 1.8-V I/O
power-supply
pins
(DVDD).
TI
recommends
EMI
filter
manufacturer
Murata,
part
number
NFM18CC222R1C3.
All PLL external components (C1, C2, and the EMI Filter) should be placed as close to the device as
possible. For the best performance, TI recommends that all the PLL external components be on a single
side of the board without jumpers, switches, or components other than the ones shown in Figure 6-13. For
reduced PLL jitter, maximize the spacing between switching signals and the PLL external components
(C1, C2, and the EMI Filter).
Figure 6-13. PLL1 and PLL2 External Connection
The minimum CLKIN rise and fall times should also be observed. For the input clock timing requirements,
see Section 6.6.3, Clock PLL Electrical Data/Timing (Input and Output Clocks).
There is an allowable range for PLL multiplier (PLLM). There is a minimum and maximum operating
frequency for MXI/CLKIN, PLLOUT, and the device clocks (SYSCLKs). The PLL Controllers must be
configured not to exceed any of these constraints documented in this section (certain combinations of
external clock inputs, internal dividers, and PLL multiply ratios might not be supported).
110
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com