Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 111 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 107Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 108Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 109Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 110Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 111Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 112Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 113Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 114Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-13. PLLC1 Clock Frequency Ranges
CLOCK SIGNAL NAME
MIN
MAX
UNIT
MXI/CLKIN(1)
20
30
MHz
At 1.05-V CVDD
400
405
MHz
PLLOUT
At 1.2-V CVDD
400
513
MHz
At 1.05-V CVDD
405
MHz
SYSCLK1 (CLKDIV1 Domain)
At 1.2-V CVDD
513
MHz
(1)
MXI/CLKIN input clock is used for both PLL Controllers (PLLC1 and PLLC2).
Table 6-14. PLLC2 Clock Frequency Ranges
CLOCK SIGNAL NAME
MIN
MAX
UNIT
MXI/CLKIN(1)
20
30
MHz
At 1.05-V CVDD
400
600
MHz
PLLOUT
At 1.2-V CVDD
400
900
MHz
(1)
MXI/CLKIN input clock is used for both PLL Controllers (PLLC1 and PLLC2).
Both PLL1 and PLL2 have stabilization, lock, and reset timing requirements that must be followed.
The PLL stabilization time is the amount of time that must be allotted for the internal PLL regulators to
become stable after the PLL is powered up (after PLLCTL.PLLPWRDN bit goes through a 1-to-0
transition). The PLL should not be operated until this stabilization time has expired. This stabilization step
must be applied after these resets—a Power-on Reset, a Warm Reset, or a Max Reset, as the
PLLCTL.PLLPWRDN bit resets to a "1". For the PLL stabliziation time value, see Table 6-15.
The PLL reset time is the amount of wait time needed for the PLL to properly reset (writing PLLRST = 0)
before bringing the PLL out of reset (writing PLLRST = 1). For the PLL reset time value, see Table 6-15.
The PLL lock time is the amount of time needed from when the PLL is taken out of reset (PLLRST = 1
with PLLEN = 0) to when to when the PLL controller can be switched to PLL mode (PLLEN = 1). For the
PLL lock time value, see Table 6-15.
Table 6-15. PLL1 and PLL2 Stabilization, Lock, and Reset Times
PLL STABILIZATION/LOCK/RESET TIME
MIN
TYP
MAX
UNIT
PLL Stabilization Time
150
ms
PLL Lock Time
2000C(1)
ns
PLL Reset Time
128C(1)
ns
(1)
C = CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 27 MHz, use C = 37.037 ns.
For details on the PLL initialization software sequence, see the TMS320DM644x DMSoC ARM Subsystem
Reference Guide (literature number SPRUE14).
6.6.2
Clock PLL Considerations with External Clock Sources
If the internal oscillator is bypassed, to minimize the clock jitter a single clean power supply should power
both the DM6441 device and the external clock oscillator circuit. The minimum CLKIN rise and fall times
should also be observed. For the input clock timing requirements, see Section 6.6.3, Clock PLL Electrical
Data/Timing (Input and Output Clocks).
Rise/fall times, duty cycles (high/low pulse durations), and the load capacitance of the external clock
source must meet the device requirements in this data manual (see Section 5.3, Electrical Characteristics
Over Recommended Ranges of Supply Voltage and Operating Case Temperature and Section 6.6.3,
Clock PLL Electrical Data/Timing (Input and Output Clocks).
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
111
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com