Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 112 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 108Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 109Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 110Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 111Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 112Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 113Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 114Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 115Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 236 page
background image
MXI/CLKIN
2
3
4
4
5
1
MXI/CLKIN
2
3
4
4
5
1
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.6.3
Clock PLL Electrical Data/Timing (Input and Output Clocks)
Table 6-16. Timing Requirements for MXI/CLKIN Devices(1) (2) (3) (4) (see Figure 6-14)
1.05 V and 1.2 V
NO.
UNIT
MIN
MAX
1
tc(MXI)
Cycle time, MXI/CLKIN
33.3
50
ns
2
tw(MXIH)
Pulse duration, MXI/CLKIN high
0.45C
0.55C
ns
3
tw(MXIL)
Pulse duration, MXI/CLKIN low
0.45C
0.55C
ns
4
tt(MXI)
Transition time, MXI/CLKIN
0.05C
ns
5
tJ(MXI)
Period jitter, MXI/CLKIN
0.02C
ns
(1)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EM_WAIT must be asserted to add extended
wait states. Figure 6-23 and Figure 6-24 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(3)
For more details on the PLL multiplier factors, see the TMS320DM644x ARM Subsystem Reference Guide (literature number
SPRUE14).
(4)
C = CLKIN cycle time in ns. For example, when MXI/CLKIN frequency is 27 MHz, use C = 37.037 ns.
Figure 6-14. MXI/CLKIN Timing
Table 6-17. Timing Requirements for M24XI Devices(1) (2) (3) (see Figure 6-15)
1.05 V and 1.2 V
NO.
UNIT
MIN
TYP
MAX
1
tc(M24XI)
Cycle time, M24XI
41.6
ns
2
tw(M24XIH)
Pulse duration, M24XI high
0.45C
0.55C
ns
3
tw(M24XIL)
Pulse duration, M24XI low
0.45C
0.55C
ns
4
tt(M24XI)
Transition time, M24XI
0.05C
ns
5
tJ(M24XI)
Period jitter, M24XI
0.02C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
For more details on the PLL, see the TMS320DM644x DMSoC Universal Serial Bus (USB) Controller User's Guide (literature number
SPRUE35).
(3)
C = M24XI cycle time in ns. For example, when M24XI frequency is 24 MHz, use C = 41.6 ns.
Figure 6-15. M24XI Timing
112
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com