Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 114 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 110Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 111Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 112Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 113Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 114Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 115Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 116Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 117Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 236 page
background image
CLK_OUT1
(Divide-by-1)
1
2
4
4
CLKIN/MXI
CLK_OUT1
(Divide-by-2)
5
6
7
8
3
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 6-19. Switching Characteristics Over Recommended Operating Conditions for CLK_OUT1(1) (2)
(see Figure 6-17)
1.05 V and 1.2 V
NO.
PARAMETER
UNIT
MIN
MAX
1
tC
Cycle time, CLK_OUT1
41.667
83.33
ns
2
tw(CLKOUT1H)
Pulse duration, CLK_OUT1 high
0.45P
0.55P
ns
3
tw(CLKOUT1L)
Pulse duration, CLK_OUT1 low
0.45P
0.55P
ns
4
tt(CLKOUT1)
Transition time, CLK_OUT1
0.05P
ns
Delay time, CLKIN/MXI high to CLK_OUT1 high
5
td(CLKINH-CLKO1H)
1
8
ns
(divide-by-1 only)
Delay time, CLKIN/MXI low to CLK_OUT1 low
6
td(CLKINL-CLKO1L)
1
8
ns
(divide-by-1 only)
Delay time, CLKIN/MXI high to CLK_OUT1 low
7
td(CLKINH-CLKO1L)
1
8
ns
(divide-by-2 only)
Delay time, CLKIN/MXI high to CLKOUT1 high
8
td(CLKINH-CLKO1H)
1
8
ns
(divide-by-2 only)
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
P = 1/CLK_OUT1 clock frequency in nanoseconds (ns). For example, when CLK_OUT1 frequency is 24 MHz, use P = 41.6 ns.
Figure 6-17. CLK_OUT1 Timing
114
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com