Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 115 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 111Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 112Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 113Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 114Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 115Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 116Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 117Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 118Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
6.7
Interrupts
The DM6441 device has a large number of interrupts to service the needs of its many peripherals and
subsystems. Both the ARM and C64x+ are capable of servicing these interrupts. All of the device
interrupts are routed to the ARM interrupt controller with only a limited set routed to the C64x+ interrupt
controller. The interrupts can be selectively enabled or disabled in either of the controllers. In typical
applications, the ARM handles most of the peripheral interrupts and grants control, to the C64x+, of
interrupts that are relevant to DSP algorithms. Also, the ARM and DSP can communicate with each other
through interrupts.
6.7.1
ARM CPU Interrupts
The ARM9 CPU core supports two direct interrupts: FIQ and IRQ. The DM6441 ARM interrupt controller
prioritizes up to 64 interrupt requests from various peripherals and subsystems, which are listed in
Table 6-20, and interrupts the ARM CPU. Each interrupt is programmable for up to eight levels of priority.
There are six levels for IRQ and two levels for FIQ. Interrupts at the same priority level are serviced in
order by the ARM Interrupt Number, with the lowest number having the highest priority. Table 6-21 shows
the ARM interrupt controller registers and memory locations. For more details on ARM interrupt control,
see the TMS320DM644x DMSoC ARM Subsystem Reference Guide (literature number SPRUE14).
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
115
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com