Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 1 Page - Texas Instruments

  TNETV1647GSTZWT Datasheet HTML 1Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 2Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 3Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 4Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 5Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 6Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 7Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 8Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
TMS320DM6441
Digital Media System-on-Chip
Check for Samples: TMS320DM6441
1
Digital Media System-on-Chip (DMSoC)
1.1
Features
12
• High-Performance Digital Media SoC
• C64x+ L1/L2 Memory Architecture
– C64x+™ DSP Clock Rate
– 32K-Byte L1P Program RAM/Cache (Direct
Mapped)
405-MHz (Max) at 1.05 V or 513-MHz (Max)
at 1.2 V
– 80K-Byte L1D Data RAM/Cache (2-Way
Set-Associative)
– ARM926EJ-S™ Clock Rate
– 64K-Byte L2 Unified Mapped RAM/Cache
202.5-MHz (Max) at 1.05 V or 256-MHz
(Flexible RAM/Cache Allocation)
(Max) at 1.2 V
• ARM926EJ-S Core
– Eight 32-Bit C64x+ Instructions/Cycle
– Support for 32-Bit and 16-Bit (Thumb®
– 4752 C64x+ MIPS
Mode) Instruction Sets
– Fully Software-Compatible With C64x /
– DSP Instruction Extensions and Single Cycle
ARM9™
MAC
• Advanced Very-Long-Instruction-Word (VLIW)
– ARM® Jazelle® Technology
TMS320C64x+™ DSP Core
– Embedded ICE-RT™ Logic for Real-Time
– Eight Highly Independent Functional Units
Debug
Six ALUs (32-/40-Bit), Each Supports
• ARM9 Memory Architecture
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
Arithmetic per Clock Cycle
– 16K-Byte Instruction Cache
Two Multipliers Support Four 16 x 16-Bit
– 8K-Byte Data Cache
Multiplies (32-Bit Results) per Clock
– 16K-Byte RAM
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
– 8K-Byte ROM
Results) per Clock Cycle
• Embedded Trace Buffer™ (ETB11™) With 4KB
– Load-Store Architecture With Non-Aligned
Memory for ARM9 Debug
Support
• Endianness: Little Endian for ARM and DSP
– 64 32-Bit General-Purpose Registers
• Video Imaging Co-Processor (VICP)
– Instruction Packing Reduces Code Size
• Video Processing Subsystem
– All Instructions Conditional
– Front End Provides:
– Additional C64x+™ Enhancements
CCD and CMOS Imager Interface
Protected Mode Operation
BT.601/BT.656 Digital YCbCr 4:2:2
Exceptions Support for Error Detection
(8-/16-Bit) Interface
and Program Redirection
Preview Engine for Real-Time Image
Hardware Support for Modulo Loop
Processing
Operation
Glueless Interface to Common Video
• C64x+ Instruction Set Features
Decoders
– Byte-Addressable (8-/16-/32-/64-Bit Data)
Histogram Module
– 8-Bit Overflow Protection
Auto-Exposure, Auto-White Balance, and
– Bit-Field Extract, Set, Clear
Auto-Focus Module
– Normalization, Saturation, Bit-Counting
Resize Engine
– Compact 16-Bit Instructions
Resize Images From 1/4x to 4x
– Additional Instructions to Support Complex
Separate Horizontal/Vertical Control
Multiplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TNETV1647GSTZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETV1644ZDU6 TI1-TNETV1644ZDU6 Datasheet
2Mb / 306P
Digital Media Processor
More results

Similar Description - TNETV1647GSTZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
Digital Media System-on-Chip
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com