Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 65 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 61Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 62Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 63Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 64Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 65Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 66Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 67Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 68Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
3.3
Bootmode
The device is booted through multiple means: pin states captured at reset, primary bootloaders within
internal ROM or EMIFA, and secondary user bootloaders from peripherals or external memories. Boot
modes, pin configurations, and register configurations required for booting the device, are described in the
following sections.
3.3.1
Bootmode Registers
The BOOTCFG and DSPBOOTADDR registers are described in the following sections. At reset, the status
of various pins required for proper boot are stored within these registers.
3.3.1.1
BOOTCFG Register Description
The BOOTCFG register (located at address 0x01C4 0014) contains the status values of the BTSEL1,
BTSEL0, DSP_BT, EM_WIDTH, and AEAW[4:0] pins captured at the rising edge of RESET. The register
format is shown in Figure 3-3 and bit field descriptions are shown in Table 3-4. The captured bits are
software readable after reset.
Figure 3-3. BOOTCFG Register
31
9
8
7
6
5
4
3
2
1
0
RESERVED
DSP_BT
BTSEL
EM_WIDTH
DAEAW
R-0000 0000 0000 0000 0000 000
R-L
R-LL
R-L
R-LLLLL
LEGEND: R = Read; W = Write; L = pin state latched at reset rising; -n = value after reset
Table 3-4. BOOTCFG Register Field Descriptions
Bit
Field
Value
Description
31 - 9
RESERVED
Reserved
8
DSP_BT
DSP boot mode selection pin state captured at the rising edge of RESET.
0
Sets ARM boot of C64x+.
1
Sets C64x+ self boot.
7 - 6
BTSEL
ARM boot mode selection pin states (BTSEL1, BTSEL0) captured at the rising edge of RESET.
00
Indicates ARM boots from ROM (NAND Flash/SPI Flash).
01
Indicates that ARM boots from EMIFA (NOR Flash).
10
Indicates that ARM boots from ROM (HPI).
11
Indicates that ARM boots from ROM (UART0).
5
EM_WIDTH
EMIFA data bus width selection pin state captured at the rising edge of RESET.
0
Sets EMIFA to 8 bit data bus width
1
Sets EMIFA to 16 bit data bus width.
4 - 0
DAEAW
EMIFA address bus width selection pin states (AEAW[4:0]) captured at the rising edge of RESET.
This configures EMIFA address pins multiplexed with GPIO. See the GPIO and EMIFA Multiplexing
tables (Table 3-9, Table 3-10, and Table 3-11).
Copyright © 2006–2010, Texas Instruments Incorporated
Device Configurations
65
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com