Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 59 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 55Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 56Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 57Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 58Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 59Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 60Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 61Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 62Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 236 page
background image
DM644x DMSoC:
DM6441
DM6444
DM6442
DM6446
DM6443
DM6447
PREFIX
DEVICE SPEED RANGE
TMS 320 DM6441
ZWT
405
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
SMX= Experimental device, MIL
SMJ = MIL-PRF-38535, QML
SM = High Rel (non-38535)
DEVICE FAMILY
320 = TMS320t DSP family
PACKAGE TYPE(A)
ZWT = 361-pin plastic BGA, with Pb-free soldered balls
DEVICE(B)
TEMPERATURE RANGE (DEFAULT: 0
°C TO 85°C)
(
)
Blank = 0
°C to 85°C
405 (405-MHz DSP, 202.5−MHz ARM9 at 1.05V)
513 (513-MHz DSP, 256-MHz ARM9 at 1.2V)
A. BGA = Ball Grid Array
B. For actual device part numbers (P/Ns) and ordering information, see the TI website (http://www.ti.com).
S (
)
SILICON REVISION
0 = Initial Silicon
A = Silicon 2.1
B = Silicon 2.3
ROM SECURITY
S = Secure
N = Non-secure
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZWT), the temperature range (for example, "Blank" is the commercial
temperature range).
Figure 2-6 provides a legend for reading the complete device name for any SoC platform member.
Figure 2-6. Device Nomenclature
Copyright © 2006–2010, Texas Instruments Incorporated
Device Overview
59
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com