Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 50 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 46Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 47Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 48Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 49Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 50Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 51Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 52Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 53Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 2-25. MMC/SD/SDIO and Memory Stick/Memory Stick PRO Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
MMC/SD/SDIO and Memory Stick/Memory Stick PRO
This pin is multiplexed between MMC/SD/SDIO and Memory Stick/Memory Stick
SD_CLK/
A9
O
DVDD33
PRO. For MMC/SD/SDIO, this is the data clock output SD_CLK.
MS_CLK
In Memory Stick mode, this is the clock output MS_CLK.
This pin is multiplexed between MMC/SD/SDIO and Memory Stick/Memory Stick
SD_CMD/
B9
O
DVDD33
PRO. For MMC/SD/SDIO, this is the Command IO output SD_CMD.
MS_BS
In Memory Stick mode, this is the Bus State output MS_BS.
SD_DATA3/
C9
I/O/Z
MS_DATA3
These pins are multiplexed between MMC/SD/SDIO and Memory Stick/Memory
SD_DATA2/
D9
I/O/Z
Stick PRO. In MMC/SD/SDIO mode, these pins are the nibble-wide bi-directional
MS_DATA2
DVDD33
data bus SD_DATA[3:0].
SD_DATA1/
In Memory Stick mode, these pins are the nibble-wide bi-directional data bus
E9
I/O/Z
MS_DATA1
MS_DATA[3:0].
SD_DATA0/
D8
I/O/Z
MS_DATA0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
50
Device Overview
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com