Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 91 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 87Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 88Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 89Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 90Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 91Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 92Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 93Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 94Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
5.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
1.00
1.05
1.10
Supply voltage, Core (CVDD, VDDA_1P1V, USB_VDDA1P2LDO
(1),
CVDD
V
CVDDDSP)
(2)
1.15
1.2
1.25
Supply voltage, I/O, 3.3V (DVDD33, USB_DVDDA3P3)
3.15
3.3
3.45
V
DVDD
Supply voltage, I/O, 1.8V (DVDD18, DVDDR2, DDR_VDDDLL, PLLVDD18,
1.71
1.8
1.89
V
VDDA_1P8V, USB_VDD1P8, MXVDD, M24VDD)
Supply ground (VSS, VSSA_1P8V, VSSA_1P1V, DDR_VSSDLL,
VSS
USB_VSSREF, USB_VSS1P8, USB_VSSA3P3, USB_VSSA1P2LDO,
0
0
0
V
MXVSS
(3), M24V
SS
(3))
DDR_VREF
DDR2 reference voltage(4)
0.49DVDDR2
0.5DVDDR2
0.51DVDDR2
V
DDR_ZP
DDR2 impedance control, connected via 200
Ω resistor to VSS
VSS
V
DDR_ZN
DDR2 impedance control, connected via 200
Ω resistor to DVDDR2
DVDDR2
V
DAC_VREF
DAC reference voltage input
0.475
0.5
0.525
V
DAC_RBIAS
DAC biasing, connected via 4 k
Ω resistor to VSSA_1P8V
VSSA_1P8V
V
USB_VBUS
USB external charge pump input
4.75
5
5.25
V
High-level input voltage, I/O, 3.3V
2
VIH
V
High-level input voltage, non-DDR I/O, 1.8V
0.65DVDD
Low-level input voltage, I/O, 3.3V
0.8
VIL
V
Low-level input voltage, non-DDR I/O, 1.8V
0.35DVDD
TC
Operating case temperature
Default
0
85
°C
1.05 V core
20
405
FSYSCLK1
DSP Operating Frequency (SYSCLK1)
MHz
1.2 V core
20
513
(1)
This pin is an internal LDO output and connected via 1 µF capacitor to USB_VSSA1P2LDO.
(2)
Future variants of TI SOC devices may operate at voltages ranging from 0.9 V to 1.4 V to provide a range of system power/performance
options. TI highly recommends that users design-in a supply that can handle multiple voltages within this range (i.e., 1.0 V, 1.05 V,
1.1 V, 1.14 V, 1.2, 1.26 V with ±3% tolerances) by implementing simple board changes such as reference resistor values or input pin
configuration modifications. Not incorporating a flexible supply may limit the system's ability to easily adapt to future versions of TI SOC
devices.
(3)
Oscillator ground must be kept separate from other grounds and connected directly to the crystal load capacitor ground.
(4)
DDR_VREF is expected to equal 0.5DVDDR2 of the transmitting device and to track variations in the DVDDR2.
Copyright © 2006–2010, Texas Instruments Incorporated
Device Operating Conditions
91
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com