Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 32 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 28Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 29Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 30Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 31Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 32Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 33Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 34Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 35Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
Table 2-9. EMIFA Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
EM_A[15]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO16/
P3
I/O/Z
DVDD18
For EMIFA, it is address bit 15 output EM_A[15].
VLYNQ_TXD3
EM_A[14]/
This pin is multiplexed between EMIFA, GPIO, and VLYNQ.
GPIO17/
P4
I/O/Z
DVDD18
For EMIFA, it is address bit 14 output EM_A[14].
VLYNQ_RXD3
EM_A[13]/
This pin is multiplexed between EMIFA and GPIO.
N4
I/O/Z
DVDD18
GPIO18
For EMIFA, it is address bit 13 output EM_A[13].
EM_A[12]/
This pin is multiplexed between EMIFA and GPIO.
R1
I/O/Z
DVDD18
GPIO19
For EMIFA, it is address bit 12 output EM_A[12].
EM_A[11]/
This pin is multiplexed between EMIFA and GPIO.
P2
I/O/Z
DVDD18
GPIO20
For EMIFA, it is address bit 11 output EM_A[11].
EM_A[10]/
This pin is multiplexed between EMIFA and GPIO.
P1
I/O/Z
DVDD18
GPIO21
For EMIFA, it is address bit 10 output EM_A[10].
EM_A[9]/
This pin is multiplexed between EMIFA and GPIO.
M4
I/O/Z
DVDD18
GPIO22
For EMIFA, it is address bit 9 output EM_A[9].
EM_A[8]/
This pin is multiplexed between EMIFA and GPIO.
N3
I/O/Z
DVDD18
GPIO23
For EMIFA, it is address bit 8 output EM_A[8].
EM_A[7]/
This pin is multiplexed between EMIFA and GPIO.
N2
I/O/Z
DVDD18
GPIO24
For EMIFA, it is address bit 7 output EM_A[7].
EM_A[6]/
This pin is multiplexed between EMIFA and GPIO.
N1
I/O/Z
DVDD18
GPIO25
For EMIFA, it is address bit 6 output EM_A[6].
EM_A[5]/
This pin is multiplexed between EMIFA and GPIO.
K3
I/O/Z
DVDD18
GPIO26
For EMIFA, it is address bit 5 output EM_A[5].
EM_A[4]/
This pin is multiplexed between EMIFA and GPIO.
K4
I/O/Z
DVDD18
GPIO27
For EMIFA, it is address bit 4 output EM_A[4].
EM_A[3]/
This pin is multiplexed between EMIFA and GPIO.
K2
I/O/Z
DVDD18
GPIO28
For EMIFA, it is address bit 3 output EM_A[3].
EM_A[2]/
This pin is multiplexed between EMIFA and HPI.
(CLE)/
J1
I/O/Z
DVDD18
For EMIFA, this pin is the EM_A[2] address line.
HCNTL0
EM_A[1]/
(ALE)/
J2
I/O/Z
DVDD18
This pin is multiplexed between EMIFA (NAND/SmartMedia.xD) and HPI.
HHWIL
This pin is multiplexed between EMIFA, ATA/CF, HPI, and GPIO.
EM_A[0]/
For EMIFA, this is Address output EM_A[0], which is the least significant bit on a
DA2/
32-bit word address.
J4
I/O/Z
DVDD18
HCNTL1/
When connected to a 16-bit asynchronous memory, this pin is the 2nd bit of the
GPIO53
address.
For an 8-bit asynchronous memory, this pin is the 3rd bit of the address.
32
Device Overview
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com