Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 90 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 86Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 87Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 88Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 89Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 90Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 91Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 92Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 93Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
5
Device Operating Conditions
5.1
Absolute Maximum Ratings Over Operating Case Temperature Range (Unless
Otherwise Noted)
(1)
Core (CVDD, VDDA_1P1V, USB_VDDA1P2LDO
(2), CV
DDDSP)
(3)
-0.5 V to 1.5 V
I/O, 3.3V (DVDD33, USB_DVDDA_3P3)
(3)
-0.5 V to 4.2 V
Supply voltage ranges
I/O, 1.8V (DVDD18, DVDDR2, DDR_VDDDLL, PLLVDD18, VDDA_1P8V,
-0.5 V to 2.5 V
USB_VDD1P8, MXVDD, M24VDD)
(3)
VI I/O, 3.3V
-0.5 V to 4.2 V
Input voltage ranges
VI I/O, 1.8V
-0.5 V to 2.5 V
VO I/O, 3.3V
-0.5 V to 4.2 V
Output voltage ranges
VO I/O, 1.8V
-0.5 V to 2.5 V
Operating case temperature ranges, TC
(default)
0°C to 85°C
Storage temperature range, Tstg
(default)
-55°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This pin is an internal LDO output and connected via 1 µF capacitor to USB_VSSA1P2LDO.
(3)
All voltage values are with respect to VSS.
90
Device Operating Conditions
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com