Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 86 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 82Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 83Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 84Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 85Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 86Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 87Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 88Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 89Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
3.6
Emulation Control
The flexibility of the DM6441 architecture allows either the ARM or DSP to control the various peripherals
(setup registers, service interrupts, etc.). While this assignment is purely a matter of software convention,
during an emulation halt it is necessary for the device to know which peripherals are associated with the
halting processor so that only those modules receive the suspend signal. This allows peripherals
associated with the other (unhalted) processor to continue normal operation. The SUSPSRC register
indicates the emulation suspend source for those peripherals which support emulation suspend. The
SUSPSRC register format is shown in Figure 3-9. Brief details on the peripherals which correspond to the
register bits is given in Table 3-34. When the associated SUSPSRC bit is ‘0’, the peripheral’s emulation
suspend signal is controlled by the ARM emulator and when set to ‘1’ it is controlled by the DSP emulator.
Figure 3-9. Emulation Suspend Source Register (SUSPSRC)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
VICP
VICP
TIMR2 TIMR1 TIMR0
GPIO
PWM2 PWM1 PWM0
SPI
UART2
UART1
UART0
I2C
ASP
RSV
SRC
EN
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
SRC
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0
15
13
12
11
10
9
8
6
5
4
0
HPI
USB
EMAC
RESERVED
RESERVED
RESERVED
RESERVED
SRC
SRC
SRC
R-000
R/W-0
R-00
R/W-0
R-0 00
R/W-0
R-0 0000
LEGEND: R = Read, W = Write, n = value at reset
Table 3-34. SUSPSRC Register Descriptions
Bit
Name
Description
31
VICPSRC
Video Imaging Coprocessor emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
30
VICPEN
Video Imaging Coprocessor emulation suspend enable
0 = Emulation suspend ignored by VICP
1 = VICP emulation suspend enabled
29
TIMR2SRC
Timer2 (WD Timer) emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
28
TIMR1SRC
Timer1 emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
27
TIMR0SRC
Timer0 emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
26
GPIOSRC
GPIO emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
25
PWM2SRC
PWM2 emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
24
PWM1SRC
PWM1 emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
23
PWM0SRC
PWM0 emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
22
SPISRC
SPI emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
21
UART2SRC
UART2 emulation suspend source
0 = ARM emulation suspend
1 = DSP emulation suspend
86
Device Configurations
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com