Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 85 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 81Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 82Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 83Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 84Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 85Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 86Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 87Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 88Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
3.5.6.10 HPI and EMIFA/ATA Pin Multiplexing
When the HPIEN bit is set, the HPI module is given control of most of the EMIFA/ATA control pins as well
as the EMIFA/ATA data bus. Table 3-33 shows which pins the HPI controls. HPIEN is set to 1 when the
state of the BTSEL[1:0] pins = 10 is latched at the rising edge of reset. Also, this bit can be manipulated
after reset by software. When the ATAEN bit is set and HPIEN is 0, the ATA mode of operation for pins
shared with the HPI is available. EMIFA mode functionality for the shared HPI pins is set when both
HPIEN and ATAEN are '0'.
Table 3-33. HPI and EMIFA/ATA Pin Multiplexing
PINMUX0
REGISTER
MULTIPLEXED PINS
BIT FIELDS
HR/W/
HRDY/
HDS1/
HDS2/
HCNTLB/
HINT/
HD[15:0]/
HPI
ATA
HCS/
HHWIL/
HCNTLA/
INTRQ/
EM_WAIT/
DIOR/
DIOW/
ATA2/
ATA0/
DD[15:0]/
EN
EN
EM_CS2
EM_A[1]
EM_A[2]
EM_R/W
IORDY
EM_OE
EM_WE
EM_A[0]
EM_BA[0]
EM_D[15:0]
0
0
EM_CS2
EM_A[1](1)
EM_R/W
EM_WAIT
EM_OE
EM_WE
EM_A[2](1)
EM_A[0](1)
EM_BA[0]
EM_D[15:0]
0
1
EM_CS2
EM_A[1](1)
INTRQ
IORDY
DIOR
DIOW
EM_A[2](1)
EM_A[0](1)
ATA0
DD[15:0]
1
-
HCS
HHWIL
HR/W
HRDY
HDS1
HDS2
HCNTLA
HCNTLB
HINT
HD[15:0]
(1)
This pin shares GPIO functionality and is set by AEAW[4:0] as shown in Table 3-12, Table 3-13, and Table 3-14.
Copyright © 2006–2010, Texas Instruments Incorporated
Device Configurations
85
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com