Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 7Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 8Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 9Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 10Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 11Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 12Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 13Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 14Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 2-1. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM6441
DSP 2.47 ns, ARM 4.94 ns at 1.05 V
Cycle Time
ns
DSP 1.9 ns, ARM 3.9 ns at 1.2V
Core (V)
1.05 V, 1.2 V
Voltage
I/O (V)
1.8 V, 3.3 V
CLKIN frequency multiplier
PLL Options
x1 (bypass), x15 (1.05 V), x19 (1.2 V)
(27 MHz reference)
16 x 16 mm
BGA Package
361-pin BGA (ZWT)
ball finish SnAgCu
Process Technology
µm
0.09 µm
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.2
Device Compatibility
The ARM926EJ-S RISC CPU is compatible with other ARM9 CPUs from ARM Holdings plc.
The C64x+ DSP core is code-compatible with the C6000™ DSP platform and supports features of the
C64x DSP family.
2.3
ARM Subsystem
The ARM subsystem is designed to give the ARM926EJ-S (ARM9) master control of the device. In
general, the ARM is responsible for configuration and control of the device; including the DSP subsystem,
the VPSS subsystem, and a majority of the peripherals and external memories.
The ARM subsystem includes the following features:
•
ARM926EJ-S RISC processor
•
ARMv5TEJ (32/16-bit) instruction set
•
Little endian
•
Coprocessor 15 (CP15)
•
MMU
•
16KB instruction cache
•
8KB data cache
•
Write buffer
•
16KB internal RAM (32-bit-wide access)
•
8KB internal ROM (ARM bootloader for non-EMIFA boot options)
•
Embedded trace module and embedded trace buffer (ETM/ETB)
•
ARM interrupt controller
•
PLL controller
•
Power and sleep controller (PSC)
•
System module
Copyright © 2006–2010, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com