Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 80 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 76Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 77Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 78Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 79Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 80Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 81Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 82Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 83Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
3.5.6.4
ATA, EMIFA, UART1, SPI, and GPIO Pin Multiplexing
The ATA peripheral shares pins with the EMIFA and UART1 as seen in Table 3-21. If ATA pin
functionality is enabled by setting the ATAEN bit field, the ATA module will drive the EMIFA data and
control pins. Enabling UART1 disables the use of the ATA DMARQ and DMACK signals and thus only
allows the ATA module to use PIO mode. The ATA HDDIR buffer direction control bit field works in
conjunction with the HDIREN enable bit field to allow the ATA pins to still be used as a GPIO or SPI_EN1
if the buffer is not being used (i.e. for compact flash). This multiplexing is shown in Table 3-22. When
ATAEN=0 and HDIREN=1 it indicates that the ATA interface has been disabled so that the EMIFA can be
used, but the ATA buffers are still present. HDDIR is driven low in this situation to ensure that the ATA
buffers drive away from DM6441 and don’t cause bus contention with the EMIFA. Note that switching
between EMIFA and ATA (clearing or setting ATAEN) must be carefully performed to prevent bus
contention. Since the ATA device can be a bus master, software must ensure that all outstanding DMA
requests have completed before clearing the ATAEN bit.
Table 3-21. ATA, EMIFA, and GPIO Pin Multiplexing Control(1)
PINMUX0
REGISTER
MULTIPLEXED PINS
BIT FIELD
EM_BA[1]/
EM_A[0]/
EM_D[15:0]/
GPIO[50]/
GPIO[51]/
EM_R/W
EM_BA[0]/
EM_WAIT/
DIOR/
DIOW/
ATAEN
GPIO[52]/
GPIO[53]/
DD[15:0]
ATA_CS0
ATA_CS1
INTRQ
ATA0
IORDY
EM_OE
EM_WE
ATA1
ATA2
GPIO[50]
GPIO[51]
EM_R/W
EM_BA[0]
EM_WAIT
EM_OE
EM_WE
EM_BA[1]/
EM_A[0]/
EM_D[15:0]
0
GPIO[52](2)
GPIO[53](2)
1
ATA_CS0
ATA_CS1
INTRQ
ATA0
IORDY
DIOR
DIOW
ATA1
ATA2
DD[15:0]
(1)
This table assumes that the HPIEN bit in the PINMUX0 register is "0".
(2)
This pin shares GPIO functionality set by AEAW[4:0] as shown in Table 3-9.
Table 3-22. ATA, EMIFA, UART1, SPI, and GPIO Pin Multiplexing
PINMUX0 AND PINMUX1 REGISTER BIT FIELDS
MULTIPLEXED PINS
SPI_EN1/
UART_TXD1/
UART_RXD1/
ATAEN
UART1
HDIREN
SPI
HDDIR/
DMACK
DMARQ
GPIO[42]
0
0
0
0
DMACK
DMARQ
GPIO[42]
0
0
0
1
DMACK
DMARQ
SPI_EN1
0
0
1
-
DMACK
DMARQ
Driven Low
0
1
0
0
UART_TXD1
UART_RXD1
GPIO[42]
0
1
0
1
UART_TXD1
UART_RXD1
SPI_EN1
0
1
1
-
UART_TXD1
UART_RXD1
Driven Low
1
0
0
0
DMACK
DMARQ
GPIO[42]x
1
0
0
1
DMACK
DMARQ
SPI_EN1x
1
0
1
-
DMACK
DMARQ
HDDIR
1
1
0
0
UART_TXD1
UART_RXD1
GPIO[42]x
1
1
0
1
UART_TXD1
UART_RXD1
SPI_EN1x
1
1
1
-
UART_TXD1
UART_RXD1
HDDIR
80
Device Configurations
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com