Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 10Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 11Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 12Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 13Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 14Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 15Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 16Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 17Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 236 page
background image
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
2.3.7
Embedded Trace Macrocell (ETM) and Embedded Trace Buffer (ETB)
To support real-time trace, the ARM926EJ-S processor provides an interface to enable connection of an
embedded trace macrocell (ETM). The ARM926ES-J subsystem in the DM6441 also includes the
embedded trace buffer (ETB). The ETM consists of two parts:
•
Trace port provides real-time trace capability for the ARM9.
•
Triggering facilities provide trigger resources, which include address and data comparators, counter,
and sequencers.
The DM6441 trace port is not pinned out and is instead only connected to the embedded trace buffer. The
ETB has a 4K-byte buffer memory. ETB enabled debug tools are required to read/interpret the captured
trace data.
2.3.8
ARM Memory Mapping
The ARM memory map is shown in Section 2.5, Memory Map Summary, of this document. The ARM has
access to memories shown in the following sections.
2.3.8.1
ARM Internal Memories
The ARM has access to the following ARM internal memories:
•
16KB ARM internal RAM on TCM interface, logically separated into two 8-KB pages to allow
simultaneous access on any given cycle if there are separate accesses for code (I-TCM bus) and data
(D-TCM) to the different memory regions.
•
8KB ARM internal ROM
2.3.8.2
External Memories
The ARM has access to the following external memories:
•
DDR2 synchronous DRAM
•
Asynchronous EMIF / NOR flash / NAND flash
•
ATA/CF
•
Flash card devices:
–
MMC/SD with SDIO
–
Memory Stick/Memory Stick PRO
–
xD
–
SmartMedia
2.3.8.3
DSP Memories
The ARM has access to the following DSP memories:
•
L2 RAM
•
L1P RAM
•
L1D RAM
2.3.8.4
VICP Registers and Memories
The ARM has access to the registers and memories of the video/imaging coprocessor (VICP) subsystem.
14
Device Overview
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com