Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 33Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 34Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 35Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 36Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 37Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 38Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 39Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 40Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 2-10. DDR2 Memory Controller Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
DDR_D[31]
U19
DDR_D[30]
V19
DDR_D[29]
W18
DDR_D[28]
V18
DDR_D[27]
W17
DDR_D[26]
U18
DDR_D[25]
U17
DDR_D[24]
V17
DDR_D[23]
T17
DDR_D[22]
V16
DDR_D[21]
W16
DDR_D[20]
U15
DDR_D[19]
V15
DDR_D[18]
W15
DDR_D[17]
V14
DDR_D[16]
W14
I/O/Z
DVDDR2
DDR2 data bus can be configured as 32-bits wide or 16-bits wide.
DDR_D[15]
V7
DDR_D[14]
W6
DDR_D[13]
V6
DDR_D[12]
W5
DDR_D[11]
V5
DDR_D[10]
U5
DDR_D[9]
W4
DDR_D[8]
V4
DDR_D[7]
W3
DDR_D[6]
V3
DDR_D[5]
U3
DDR_D[4]
W2
DDR_D[3]
V2
DDR_D[2]
V1
DDR_D[1]
U2
DDR_D[0]
U1
DDR_VREF
T15
I
(4)
Reference voltage input for the SSTL_18 IO buffers.
DDR_VSSDLL
T11
GND
(4)
Ground for the DDR2 digital locked loop.
DDR_VDDDLL
T10
S
(4)
Power (1.8 Volts) for the DDR2 digital locked loop.
Impedance control for DDR2 outputs. This must be connected via a 200
Ω resistor
DDR_ZN
T12
O/Z
(4)
to DVDDR2.
Impedance control for DDR2 outputs. This must be connected via a 200
Ω resistor
DDR_ZP
T13
O/Z
(4)
to VSS.
(4)
For more information, see Section 5.2, Recommended Operating Conditions.
Copyright © 2006–2010, Texas Instruments Incorporated
Device Overview
37
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com