Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 108 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 104Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 105Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 106Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 107Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 108Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 109Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 110Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 111Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 236 page
background image
MXI/CLKIN
MXO
NC
MXV
SS
1.8V
MXV
DD
TMS320DM6441
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
www.ti.com
6.5.2
Clock Input Option 2 – 1.8-V LVCMOS-Compatible Clock Input
In this option, a 1.8-V LVCMOS-compatible clock input is used as the external clock input to the DM6441
device. The external connections are shown in Figure 6-12. The MXI/CLKIN pin is connected to the 1.8-V
LVCMOS-compatible clock source. The MXO pin is left unconnected. The MXVSS pin is connected to
board ground (VSS). The MXVDD pin can be connected to the same 1.8-V power supply as DVDD18. The
clock source must meet the MXI/CLKIN timing requirements shown in Table 6-16, Timing Requirements
for MXI/CLKIN.
Figure 6-12. 1.8-V LVCMOS-Compatible Clock Input
Figure 6-12 also applies to the USB external clock input. When a 1.8-V LVCMOS-compatible clock input is
used as the external clock input, the M24XI pin is connected to the 1.8-V LVCMOS-compatible clock
source. The M24XO pin is left unconnected. The M24VSS pin is connected to board ground (VSS). The
M24VDD pin can be connected to the same 1.8-V power supply as DVDDR2. The clock source must meet
the MXI/CLKIN timing requirements shown in Table 6-17, Timing Requirements for M24XI Devices.
108
Peripheral and Electrical Specifications
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com