Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 105 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 101Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 102Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 103Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 104Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 105Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 106Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 107Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 108Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 236 page
background image
A.
DDR2 Z Group:
DDR_DQS[3:0], DDR_D[12:0]
High Group:
DMACK/UART_TXD1, EM_A[2]/(CLE), EM_A[1]/(ALE),
,
/(
)/(
)/
EM_CS3 EM_WE WE
IOWR DIOW
Low Group:
DMARQ/UART_RXD1, VCLK, RTCK, TDO, VPBECLK, YOUT0/G5/AEAW0, YOUT1/G6/AEAW1,
YOUT2/G7/AEAW2, YOUT3/R3/AEAW3, YOUT4/R4/AEAW4, COUT3/B6/DSP_BT,
COUT2/B5/EM_WIDTH, COUT1/B4/BTSEL1, COUT0/B3/BTSEL0, TRST
DDR2 Low/High Group:
DDR_BS[2:0]
DDR2 Z/High Group:
DDR_DQM[3:0]
DDR2 High Group:
DDR_CLK0 DDR_CS DDR_WE DDR_RAS DDR_CAS
,
,
,
,
DDR2 Low Group:
DDR_CLK0, DDR_CKE, DDR_A[12:0]
Z/Invalid Group:
EM_D[15:0]
Low/High Group:
EM_R/
/INTRQ
W
High/Low Group:
EM_BA[0]/DA0,
,
/(
)/(
)/
EM_CS2 EM_OE RE
IORD DIOR
Z Group:
All other pins not listed above, with the exception of power and ground pins.
•
The following Z Group pins have an internal pullup (IPU): DMARQ/UART_RXD1, VPBECLK,
HSYNC, VSYNC,
, YI/CCD[7:0], CI[3:0]/CCD[11:8], CI4/CCD12/UART_RTS2,
CI5/CCD13/UART_CTS2, CI6/CCD14/UART_TXD2, CI7/CCD15/UART_RXD2
TRST
•
The following Z Group pins have an internal pulldown (IPD): EM_WAIT/
, TCK, TDI, TMS, EMU[1:0]
IORDY
3
4
1
RESET
Boot
Configuration Pins
2
5
DDR2 Low Group
(A)
DDR2 Z Group
(A)
6
DDR2 High Group
(A)
16
17
DDR2 Low/High Group
(A)
DDR2 Z/High Group
(A)
7
8
Low Group
(A)
Z Group
(A)
9
High Group
(A)
18
High/Low Group
(A)
19
Low/High Group
(A)
24
Z/Invalid Group
(A)
10
11
12
20
21
14
15
13
22
23
25
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Figure 6-9. Reset Timing
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
105
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com