Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 101 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 97Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 98Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 99Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 100Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 101Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 102Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 103Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 104Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-6. PSC Register Memory Map (continued)
REGISTER
HEX ADDRESS RANGE
DESCRIPTION
ACRONYM
0x01C4 107C - 0x01C4 111F
-
Reserved
0x01C4 1120
PTCMD
Power Domain Transition Command Register
0x01C4 1124 - 0x01C4 1127
-
Reserved
0x01C4 1128
PTSTAT
Power Domain Transition Status Register
0x01C4 112C - 0x01C4 11FF
-
Reserved
0x01C4 1200
PDSTAT0
Power Domain Status 0 Register (Always On)
0x01C4 1204
PDSTAT1
Power Domain Status 1 Register (DSP)
0x01C4 1208 - 0x01C4 12FF
-
Reserved
0x01C4 1300
PDCTL0
Power Domain Control 0 Register (Always On)
0x01C4 1304
PDCTL1
Power Domain Control 1 Register (DSP)
0x01C4 1308 - 0x01C4 17FF
-
Reserved
0x01C4 1800
MDSTAT0
Module Status 0 Register (VPSS DMA)
0x01C4 1804
MDSTAT1
Module Status 1 Register (VPSS MMR)
0x01C4 1808
MDSTAT2
Module Status 2 Register (EDMA3CC)
0x01C4 180C
MDSTAT3
Module Status 3 Register (EDMA3TC0)
0x01C4 1810
MDSTAT4
Module Status 4 Register (EDMA3TC1)
0x01C4 1814
MDSTAT5
Module Status 5 Register (EMAC)
0x01C4 1818
MDSTAT6
Module Status 6 Register (EMAC Memory Controller)
0x01C4 181C
MDSTAT7
Module Status 7 Register (MDIO)
0x01C4 1820
Reserved
0x01C4 1824
MDSTAT9
Module Status 9 Register (USB)
0x01C4 1828
MDSTAT10
Module Status 10 Register (ATA/CF)
0x01C4 182C
MDSTAT11
Module Status 11 Register (VLYNQ)
0x01C4 1830
MDSTAT12
Module Status 12 Register (HPI)
0x01C4 1834
MDSTAT13
Module Status 13 Register (DDR2)
0x01C4 1838
MDSTAT14
Module Status 14 Register (EMIFA)
0x01C4 183C
MDSTAT15
Module Status 15 Register (MMC/SD/SDIO)
0x01C4 1840
MDSTAT16
Module Status 16 Register (Memory Stick/Memory Stick PRO)
0x01C4 1844
MDSTAT17
Module Status 17 Register (ASP)
0x01C4 1848
MDSTAT18
Module Status 18 Register (I2C)
0x01C4 184C
MDSTAT19
Module Status 19 Register (UART0)
0x01C4 1850
MDSTAT20
Module Status 20 Register (UART1)
0x01C4 1854
MDSTAT21
Module Status 21 Register (UART2)
0x01C4 1858
MDSTAT22
Module Status 22 Register (SPI)
0x01C4 185C
MDSTAT23
Module Status 23 Register (PWM0)
0x01C4 1860
MDSTAT24
Module Status 24 Register (PWM1)
0x01C4 1864
MDSTAT25
Module Status 25 Register (PWM2)
0x01C4 1868
MDSTAT26
Module Status 26 Register (GPIO)
0x01C4 186C
MDSTAT27
Module Status 27 Register (TIMER0)
0x01C4 1870
MDSTAT28
Module Status 28 Register (TIMER1)
0x01C4 1874 - 0x01C4 189B
-
Reserved
0x01C4 189C
MDSTAT39
Module Status 39 Register (C64x+ CPU)
0x01C4 18A0
MDSTAT40
Module Status 40 Register (VICP)
0x01C4 18A4 - 0x01C4 19FF
-
Reserved
0x01C4 1A00
MDCTL0
Module Control 0 Register (VPSS DMA)
0x01C4 1A04
MDCTL1
Module Control 1 Register (VPSS MMR)
0x01C4 1A08
MDCTL2
Module Control 2 Register (EDMA3CC)
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
101
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com