Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1647GSTZWT Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 133 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 129Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 130Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 131Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 132Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 133Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 134Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 135Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 136Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 6-30. DM6441 EDMA3 Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01c0 2684
QEER
QDMA Event Enable Register
0x01c0 2688
QEECR
QDMA Event Enable Clear Register
0x01c0 268C
QEESR
QDMA Event Enable Set Register
0x01c0 2690
QSER
QDMA Secondary Event Register
0x01c0 2694
QSECR
QDMA Secondary Event Clear Register
0x01c0 2698 - 0x01c0 27FC
-
Reserved
0x01c0 2800 - 0x01c0 29FC
-
Reserved
0x01c0 2A00 - 0x01c0 2BFC
-
Reserved
0x01c0 2C00 - 0x01c0 2DFC
-
Reserved
0x01c0 2E00 - 0x01c0 2FFC
-
Reserved
0x01c0 2FFD - 0x01c0 3FFF
-
Reserved
0x01c0 4000 - 0x01c0 4FFF
-
Parameter Set RAM (see Table 6-31)
0x01c0 5000 - 0x01c0 7FFF
-
Reserved
0x01c0 8000 - 0x01c0 FFFF
-
Reserved
Transfer Controller 0 Registers
0x01c1 0000
-
Reserved
0x01c1 0004
TCCFG
EDMA3 TC0 Configuration Register
0x01c1 0008 - 0x01c1 00FF
-
Reserved
0x01c1 0100
TCSTAT
EDMA3 TC0 Channel Status Register
0x01c1 0104 - 0x01c1 0110
-
Reserved
0x01c1 0114 - 0x01c1 011F
-
Reserved
0x01c1 0120
ERRSTAT
EDMA3 TC0 Error Status Register
0x01c1 0124
ERREN
EDMA3 TC0 Error Enable Register
0x01c1 0128
ERRCLR
EDMA3 TC0 Error Clear Register
0x01c1 012C
ERRDET
EDMA3 TC0 Error Details Register
0x01c1 0130
ERRCMD
EDMA3 TC0 Error Interrupt Command Register
0x01c1 0134 - 0x01c1 013F
-
Reserved
0x01c1 0140
RDRATE
EDMA3 TC0 Read Rate Register
0x01c1 0144 - 0x01c1 01FF
-
Reserved
0x01c1 0200 - 0x01c1 023F
-
Reserved
0x01c1 0240
SAOPT
EDMA3 TC0 Source Active Options Register
0x01c1 0244
SASRC
EDMA3 TC0 Source Active Source Address Register
0x01c1 0248
SACNT
EDMA3 TC0 Source Active Count Register
0x01c1 024C
SADST
EDMA3 TC0 Source Active Destination Address Register
0x01c1 0250
SABIDX
EDMA3 TC0 Source Active Source B-Index Register
0x01c1 0254
SAMPPRXY
EDMA3 TC0 Source Active Memory Protection Proxy Register
0x01c1 0258
SACNTRLD
EDMA3 TC0 Source Active Count Reload Register
0x01c1 025C
SASRCBREF
EDMA3 TC0 Source Active Source Address B-Reference Register
0x01c1 0260
SADSTBREF
EDMA3 TC0 Source Active Destination Address B-Reference Register
0x01c1 0264 - 0x01c1 027F
-
Reserved
0x01c1 0280
DFCNTRLD
EDMA3 TC0 Destination FIFO Set Count Reload Register
0x01c1 0284
DFSRCBREF
EDMA3 TC0 Destination FIFO Set Source Address B-Reference Register
EDMA3 TC0 Destination FIFO Set Destination Address B-Reference
0x01c1 0288
DFDSTBREF
Register
0x01c1 028C - 0x01c1 02FF
-
Reserved
0x01c1 0300
DFOPT0
EDMA3 TC0 Destination FIFO Options Register 0
0x01c1 0304
DFSRC0
EDMA3 TC0 Destination FIFO Source Address Register 0
0x01c1 0308
DFCNT0
EDMA3 TC0 Destination FIFO Count Register 0
Copyright © 2006–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
133
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com