Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 170 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 166Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 167Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 168Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 169Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 170Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 171Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 172Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 173Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-58. OSD Register Descriptions
Address
Register
Description
0x01C7 2600
MODE
OSD Mode Register
0x01C7 2604
VIDWINMD
Video Window Mode Setup
0x01C7 2608
OSDWIN0MD
OSD Window Mode Setup
0x01C7 260C
OSDWIN1MD
OSD Window 1 Mode Setup (when used as a second OSD window)
0x01C7 260C
OSDATRMD
OSD Attribute Window Mode Setup (when used as an attribute window)
0x01C7 2610
RECTCUR
Rectangular Cursor Setup
0x01C7 2614
RSV0
Reserved
0x01C7 2618
VIDWIN0OFST
Video Window 0 Offset
0x01C7 261C
VIDWIN1OFST
Video Window 1 Offset
0x01C7 2620
OSDWIN0OFST
OSD Window 0 Offset
0x01C7 2624
OSDWIN1OFST
OSD Window 1 Offset
0x01C7 2628
RSV1
Reserved
0x01C7 262C
VIDWIN0ADR
Video Window 0 Address
0x01C7 2630
VIDWIN1ADR
Video Window 1 Address
0x01C7 2634
RSV2
Reserved
0x01C7 2638
OSDWIN0ADR
OSD Window 0 Address
0x01C7 263C
OSDWIN1ADR
OSD Window 1 Address
0x01C7 2640
BASEPX
Base Pixel X
0x01C7 2644
BASEPY
Base Pixel Y
0x01C7 2648
VIDWIN0XP
Video Window 0 X-Position
0x01C7 264C
VIDWIN0YP
Video Window 0 Y-Position
0x01C7 2650
VIDWIN0XL
Video Window 0 X-Size
0x01C7 2654
VIDWIN0YL
Video Window 0 Y-Size
0x01C7 2658
VIDWIN1XP
Video Window 1 X-Position
0x01C7 265C
VIDWIN1YP
Video Window 1 Y-Position
0x01C7 2660
VIDWIN1XL
Video Window 1 X-Size
0x01C7 2664
VIDWIN1YL
Video Window 1 Y-Size
0x01C7 2668
OSDWIN0XP
OSD Bitmap Window 0 X-Position
0x01C7 266C
OSDWIN0YP
OSD Bitmap Window 0 Y-Position
0x01C7 2670
OSDWIN0XL
OSD Bitmap Window 0 X-Size
0x01C7 2674
OSDWIN0YL
OSD Bitmap Window 0 Y-Size
0x01C7 2678
OSDWIN1XP
OSD Bitmap Window 1 X-Position
0x01C7 267C
OSDWIN1YP
OSD Bitmap Window 1 Y-Position
0x01C7 2680
OSDWIN1XL
OSD Bitmap Window 1 X-Size
0x01C7 2684
OSDWIN1YL
OSD Bitmap Window 1 Y-Size
0x01C7 2688
CURXP
Rectangular Cursor Window X-Position
0x01C7 268C
CURYP
Rectangular Cursor Window Y-Position
0x01C7 2690
CURXL
Rectangular Cursor Window X-Size
0x01C7 2694
CURYL
Rectangular Cursor Window Y-Size
0x01C7 2698
RSV3
Reserved
0x01C7 269C
RSV4
Reserved
0x01C7 26A0
W0BMP01
Window 0 Bitmap Value to Palette Map 0/1
0x01C7 26A4
W0BMP23
Window 0 Bitmap Value to Palette Map 2/3
0x01C7 26A8
W0BMP45
Window 0 Bitmap Value to Palette Map 4/5
0x01C7 26AC
W0BMP67
Window 0 Bitmap Value to Palette Map 6/7
0x01C7 26B0
W0BMP89
Window 0 Bitmap Value to Palette Map 8/9
0x01C7 26B4
W0BMPAB
Window 0 Bitmap Value to Palette Map A/B
170
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com